Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VY2330K29U2JS6V5 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VY2330K29U2JS6V5
Description  AC Line Rated Disc Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY2330K29U2JS6V5 Datasheet(HTML) 4 Page - Vishay Siliconix

  VY2330K29U2JS6V5 Datasheet HTML 1Page - Vishay Siliconix VY2330K29U2JS6V5 Datasheet HTML 2Page - Vishay Siliconix VY2330K29U2JS6V5 Datasheet HTML 3Page - Vishay Siliconix VY2330K29U2JS6V5 Datasheet HTML 4Page - Vishay Siliconix VY2330K29U2JS6V5 Datasheet HTML 5Page - Vishay Siliconix VY2330K29U2JS6V5 Datasheet HTML 6Page - Vishay Siliconix VY2330K29U2JS6V5 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28535
90
Revision: 13-Apr-10
VY2 Series
Vishay BCcomponents
AC Line Rated Disc Capacitors
Class X1, 440 VAC, Class Y2, 300 VAC
Notes
(1) See ordering information table
(2) Cumulative pitch error: ±
≤ 1 mm/20 pitches
(3) Obliquity maximum 3°
A
detail A
D
0
F
L
P
1
P
2
P
0
t 1
t
T
D
P
ΔP
ΔP
Δh
Δh
Ø d
F
W1
W
2
W
0 W
H
0
H1
e
Inline kink (V) leaded capacitors on tape, lead spacing 5.0 mm (0.20"), 7.5 mm (0.30") and 10 mm (0.40")
DIMENSION OF TAPE
SYMBOL
PARAMETER
DIMENSIONS (mm)
FIG.1 5 mm
FIG.1 7.5 mm
FIG.2 10 mm
D (1)
Body diameter
11.0 max.
14.0 max.
16.0 max.
d
Lead diameter
0.6 ± 0.05
0.6 ± 0.05
0.6 ± 0.05
P
Pitch of component
12.7 ± 1
15.0 ± 1
25.4 ± 1
P0 (2)
Pitch of sprocket hole
12.7 ± 0.3
15.0 ± 0.3
12.7 ± 0.3
P1 (3)
Distance, hole center to lead
3.85 ± 0.7
3.75 ± 0.7
7.7 ± 1.0
P2 (3)
Distance, hole to center of component
6.35 ± 1.3
7.5 ± 1.5
12.7 ± 1.5
F
Lead spacing
5.0 (+ 0.6/- 0.4)
7.5 (+ 0.6/- 0.4)
10.0 (+ 0.6/- 0.4)
Δh
Average deviation across tape
± 1.0 max.
± 1.0 max.
± 1.0 max.
ΔP
Average deviation in direction of reeling
± 1.0 max.
± 1.0 max.
± 1.0 max.
W
Carrier tape width
18.0 + 1/- 0.5
18.0 + 1/- 0.5
18.0 + 1/- 0.5
W0
Hold-down tape width
5.0 min.
5.0 min.
5.0 min.
W1
Position of sprocket hole
9.0 + 0.75 - 0.5
9.0 + 0.75 - 0.5
9.0 + 0.75 - 0.5
W2
Distance of hold-down tape
3.0 max.
3.0 max.
3.0 max.
H1
Maximum component height
32
40
40
H0
Height to seating plane (for kinked leads)
16.0 ± 0.5
16.0 ± 0.5
16.0 ± 0.5
H0
Height to seating plane (for straight leads)
20.0 ± 0.5
20.0 ± 0.5
20.0 ± 0.5
L
Length of cut leads
11.0 max.
11.0 max.
11.0 max.
I
Length of lead protrusion
1.0 max.
1.0 max.
1.0 max.
D0
Diameter of sprocket hole
4.0 ± 0.2
4.0 ± 0.2
4.0 ± 0.2
t
Total tape thickness
0.9 max.
0.9 max.
0.9 max.


Similar Part No. - VY2330K29U2JS6V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2330K29U2JS6V5 VISHAY-VY2330K29U2JS6V5 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY2330K29U2JS6V5 VISHAY-VY2330K29U2JS6V5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 08-Mar-12
VY2330K29U2JS6V5 VISHAY-VY2330K29U2JS6V5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results

Similar Description - VY2330K29U2JS6V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30LVSD47-R VISHAY-30LVSD47-R Datasheet
163Kb / 5P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
VY1 VISHAY-VY1_10 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
VY2472M49Y5US63V0 VISHAY-VY2472M49Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 08-Mar-12
30LVD22-R VISHAY-30LVD22-R Datasheet
166Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
440L VISHAY-440L Datasheet
129Kb / 3P
   AC Line Rated Disc Capacitors
Revision 14-May-02
VY1472M63Y5UQ63V0 VISHAY-VY1472M63Y5UQ63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
WKP472MCPEF VISHAY-WKP472MCPEF Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors
Revision: 19-Dec-13
440L VISHAY-440L_18 Datasheet
174Kb / 5P
   AC Line Rated Ceramic Disc Capacitors
Revision: 29-Mar-18
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 29-Mar-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com