Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL214099416E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL214099416E3
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214099416E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MAL214099416E3 Datasheet HTML 2Page - Vishay Siliconix MAL214099416E3 Datasheet HTML 3Page - Vishay Siliconix MAL214099416E3 Datasheet HTML 4Page - Vishay Siliconix MAL214099416E3 Datasheet HTML 5Page - Vishay Siliconix MAL214099416E3 Datasheet HTML 6Page - Vishay Siliconix MAL214099416E3 Datasheet HTML 7Page - Vishay Siliconix MAL214099416E3 Datasheet HTML 8Page - Vishay Siliconix MAL214099416E3 Datasheet HTML 9Page - Vishay Siliconix MAL214099416E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28396
6
Revision: 09-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
140 CRH
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip), High Temperature
ADVANCED SOLDERING PROFILE FOR LEAD (Pb)-FREE REFLOW PROCESS
ACCORDING TO JEDEC J-STD-020
Fig. 5 - Maximum temperature load during reflow soldering
Table 5
Notes
• Temperature measuring point on top of the case and on terminals
• Max. 2 runs with pause of min. 30 min in between
REFLOW SOLDERING CONDITIONS for MAL214099xxxE3
PROFILE FEATURES
CASE CODE
1010
CASE CODE
1213 TO 1216
CASE CODE
1616 TO 1821
Max. time from 25 °C to TPeak
300 s
300 s
300 s
Min. ramp-up rate to 150 °C
3 K/s
3 K/s
3 K/s
Max. time from 150 °C to 200 °C (t1)
150 s
150 s
150 s
Max. time from 190 °C to 200 °C (t2)
110 s
110 s
110 s
Ramp up rate from 200 °C to TPeak
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
Max. time above TLiquidus (217 °C) (t3)
90 s
90 s
90 s
Max. time above 230 °C (t4)
70 s
65 s
60 s
Peak temperature TPeak
260 °C
250 °C
245 °C
Max. time above TPeak minus 5 °C
40 s
30 s
30 s
Ramp-down rate from TLiquidus
3 K/s to 6 K/s
3 K/s to 6 K/s
3 K/s to 6 K/s
t
1
200
190
150
25
217
230
T
Peak
time (s)
T (°C)
t
2
t
3
t
4


Similar Part No. - MAL214099416E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214095001E3 VISHAY-MAL214095001E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095002E3 VISHAY-MAL214095002E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095003E3 VISHAY-MAL214095003E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095101E3 VISHAY-MAL214095101E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095102E3 VISHAY-MAL214095102E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
More results

Similar Description - MAL214099416E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH_08 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com