Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215097312E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL215097312E3
Description  Aluminum Capacitors SMD (Chip), Very Low Z
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215097312E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MAL215097312E3 Datasheet HTML 3Page - Vishay Siliconix MAL215097312E3 Datasheet HTML 4Page - Vishay Siliconix MAL215097312E3 Datasheet HTML 5Page - Vishay Siliconix MAL215097312E3 Datasheet HTML 6Page - Vishay Siliconix MAL215097312E3 Datasheet HTML 7Page - Vishay Siliconix MAL215097312E3 Datasheet HTML 8Page - Vishay Siliconix MAL215097312E3 Datasheet HTML 9Page - Vishay Siliconix MAL215097312E3 Datasheet HTML 10Page - Vishay Siliconix MAL215097312E3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
150 CRZ
www.vishay.com
Vishay BCcomponents
Revision: 17-Jun-11
7
Document Number: 28395
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 6 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 150 CRZ series
470 μF/35 V; ± 20 %
Nominal case size: 12.5 mm x 12.5 mm x 13 mm; taped on
reel
Ordering code: MAL215099012E3
Table 6
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 kHz, 105 °C
IL2
Max. leakage current after 2 min at UR
tan 
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL CASE SIZE
L x W x H
(mm)
IR 105 °C
100 kHz
(mA)
IL
2 min
(μA)
tan
100 Hz
Z
100 kHz
20 °C
(
)
Z
100 kHz
- 40 °C
(
)
ORDERING
CODE (1)
MAL2150...
ORDERING
CODE (2)
MAL2150...
6.3
470
8 x 8 x 10
435
30
0.24
0.250
2.00
97311E3
-
1000
10 x 10 x 10
670
63
0.24
0.130
1.10
97301E3
99301E3
2200
12.5 x 12.5 x 13
905
139
0.26
0.077
0.60
97312E3
99312E3
4700
16 x 16 x 16
1350
296
0.28
0.050
0.40
-
99313E3
6800
16 x 16 x 21
1666
428
0.30
0.035
0.28
-
99314E3
6800
18 x 18 x 16
1400
428
0.32
0.050
0.40
-
99315E3
10 000
18 x 18 x 21
1756
630
0.34
0.035
0.28
-
99316E3
10
330
8 x 8 x 10
435
33
0.20
0.250
2.00
97411E3
-
470
8 x 8 x 10
435
47
0.20
0.250
2.00
97412E3
-
680
10 x 10 x 10
670
68
0.20
0.130
1.10
97401E3
99401E3
1000
10 x 10 x 12
850
100
0.20
0.100
0.80
-
99403E3
1000
10 x 10 x 14
850
100
0.20
0.100
0.80
97402E3
-
1500
12.5 x 12.5 x 13
905
150
0.22
0.077
0.60
97413E3
99413E3
2200
12.5 x 12.5 x 16
1007
220
0.22
0.060
0.48
97414E3
99414E3
3300
16 x 16 x 16
1350
330
0.24
0.050
0.40
-
99415E3
4700
16 x 16 x 21
1666
470
0.26
0.035
0.28
-
99416E3
4700
18 x 18 x 16
1400
470
0.26
0.050
0.40
-
99417E3
6800
18 x 18 x 21
1756
680
0.28
0.035
0.28
-
99418E3
16
220
8 x 8 x 10
435
35
0.16
0.250
2.00
97511E3
-
330
8 x 8 x 10
435
53
0.16
0.250
2.00
97512E3
-
470
10 x 10 x 10
670
75
0.16
0.130
1.10
97501E3
99501E3
680
10 x 10 x 12
850
109
0.16
0.100
0.80
-
99503E3
680
10 x 10 x 14
850
109
0.16
0.100
0.80
97502E3
-
1000
12.5 x 12.5 x 13
905
160
0.18
0.077
0.60
97513E3
99513E3
1500
12.5 x 12.5 x 16
1007
240
0.18
0.060
0.48
97514E3
99514E3
2200
16 x 16 x 16
1350
352
0.20
0.050
0.40
-
99515E3
3300
16 x 16 x 21
1666
528
0.22
0.035
0.28
-
99516E3
3300
18 x 18 x 16
1400
528
0.22
0.050
0.40
-
99517E3
4700
18 x 18 x 21
1756
752
0.26
0.035
0.28
-
99518E3
25
150
8 x 8 x 10
420
38
0.14
0.280
2.24
97611E3
-
220
8 x 8 x 10
420
55
0.14
0.280
2.24
97612E3
-
330
10 x 10 x 10
640
83
0.14
0.140
1.12
97601E3
99601E3
470
10 x 10 x 12
820
118
0.14
0.110
0.88
-
99603E3
470
10 x 10 x 14
820
118
0.14
0.110
0.88
97602E3
-
680
12.5 x 12.5 x 13
905
170
0.16
0.077
0.60
97613E3
99613E3
1000
12.5 x 12.5 x 16
1007
250
0.16
0.060
0.48
97614E3
99614E3
1500
16 x 16 x 16
1350
375
0.16
0.050
0.40
-
99615E3
2200
16 x 16 x 21
1666
550
0.18
0.035
0.28
-
99616E3
2200
18 x 18 x 16
1400
550
0.18
0.050
0.40
-
99617E3
3300
18 x 18 x 21
1756
825
0.20
0.035
0.28
-
99618E3
Notes
(1) Standard reflow soldering profile, see Fig. 4 and Table 4
(2) Advanced reflow soldering profile, according to JEDEC J-STD-020, see Fig. 5 and Table 5


Similar Part No. - MAL215097312E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215097312E3 VISHAY-MAL215097312E3 Datasheet
129Kb / 9P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 30-Oct-08
More results

Similar Description - MAL215097312E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ Datasheet
129Kb / 9P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 30-Oct-08
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CLZ VISHAY-150CLZ Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150-CRZ VISHAY-150-CRZ Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com