Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D12S05020-1E Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # D12S05020-1E
Description  4.5V~13.2Vin, 0.59V~5.0Vout, 20A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S05020-1E Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button D12S05020-1E Datasheet HTML 3Page - Delta Electronics, Inc. D12S05020-1E Datasheet HTML 4Page - Delta Electronics, Inc. D12S05020-1E Datasheet HTML 5Page - Delta Electronics, Inc. D12S05020-1E Datasheet HTML 6Page - Delta Electronics, Inc. D12S05020-1E Datasheet HTML 7Page - Delta Electronics, Inc. D12S05020-1E Datasheet HTML 8Page - Delta Electronics, Inc. D12S05020-1E Datasheet HTML 9Page - Delta Electronics, Inc. D12S05020-1E Datasheet HTML 10Page - Delta Electronics, Inc. D12S05020-1E Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS_D12S05020_10282008
7
FEATURES DESCRIPTIONS
Enable (On/Off)
The ENABLE (on/off) input allows external circuitry to
put the D12S05020 series converter into a low power
dissipation (sleep) mode. Positive ENABLE is available
as standard. With the active high function, the output is
guaranteed to turn on if the ENABLE pin is driven above
1.2V. The output will turn off if the ENABLE pin voltage is
pulled below 0.8V.
The ENABLE input can be driven in a variety of way as
shown in Figures 25.
Unit
Vin
Vout
Enable
Trim
GND
GND
Figure 25. Enable Input drive circuit for D12S05020
Input Under-Voltage Lockout
The input under-voltage lockout prevents the converter
from being damaged while operating when the input
voltage is too low. The lockout occurs between 4.0V to
4.3V.
Output Capacitance
The D12S05020 requires minimum 1300uF output capacitor
for stable operation.
Power Good
The converter provides an open collector signal called Power
Good. The converter will sink less than 1uA as a logic high
and sink at least 1mA as a logic low. A logic low must be less
than 0.4V while sinking 1mA.
The power good signal is pulled low when an input under
voltage, output over voltage or output over current conditions
is detected or when the converter is disabled by ENABLE.
DESIGN CONSIDERATIONS
The D12S05020 series uses a single phase and voltage
mode controlled buck topology. The output can be
adjusted in the range of 0.59Vdc to 5.0Vdc by a resistor
from Trim pin to ground.
The converter can be turned ON/OFF by remote control
with positive on/off (ENABLE pin) logic. The converter
DC output is disabled when the signal is driven low
(below 0.8V). The module will turn on when this pin is
floating and the input voltage is higher than the
threshold.
The converter can protect itself by entering hiccup mode
against over current, short circuit, and over voltage
condition.
Safety Considerations
It is recommended that the user to provide a very
fast-acting type fuse in the input line for safety. The
output voltage set-point and the output current in the
application could define the amperage rating of the fuse.


Similar Part No. - D12S05020-1E

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020-1E DELTA-D12S05020-1E Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1E DELTA-D12S05020-1E Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S05020-1E DELTA-D12S05020-1E Datasheet
722Kb / 12P
   Fixed frequency operation
More results

Similar Description - D12S05020-1E

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S300-1 DELTA-D12S300-1 Datasheet
656Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 60A
D12F200 DELTA-D12F200 Datasheet
623Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 40A
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
logo
Power-One
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
logo
Delta Electronics, Inc.
D12S2R550A DELTA-D12S2R550A Datasheet
769Kb / 11P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 50A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com