Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D12S300-1 Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # D12S300-1
Description  4.5V~13.8Vin, 0.6V~5.0Vout, 60A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S300-1 Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button D12S300-1 Datasheet HTML 5Page - Delta Electronics, Inc. D12S300-1 Datasheet HTML 6Page - Delta Electronics, Inc. D12S300-1 Datasheet HTML 7Page - Delta Electronics, Inc. D12S300-1 Datasheet HTML 8Page - Delta Electronics, Inc. D12S300-1 Datasheet HTML 9Page - Delta Electronics, Inc. D12S300-1 Datasheet HTML 10Page - Delta Electronics, Inc. D12S300-1 Datasheet HTML 11Page - Delta Electronics, Inc. D12S300-1 Datasheet HTML 12Page - Delta Electronics, Inc. D12S300-1 Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS_D12S300-1_12282009
9
Output Capacitance
There are internal output capacitors on the D12S300-1
series modules. Hence, no external output capacitor is
required for stable operation.
Reflected Ripple Current and Output Ripple and
Noise Measurement
The measurement set-up outlined in Figure 30 has been
used for both input reflected/ terminal ripple current and
output voltage ripple and noise measurements on
D12S300-1 series converters.
DC-DC Converter
1uF
Ceramic
Tan
10uF
Vin+
Load
Ltest
Cs
Cin
Output voltage ripple noise measurement point
Input reflected current measurement point
Cs=330µF OS-CON cap x 1, Ltest=1µH, Cin=330µF OS-CON
cap x 1
Figure 30: Input reflected ripple/ capacitor ripple current and
output voltage ripple and noise measurement setup for
D12S300-1
FEATURES DESCRIPTIONS (CON.)
Voltage Margining Adjustment
Output voltage margin adjusting can be implemented in
the ND modules by connecting a resistor, Rmargin-up, from
the Trim pin to the Ground for margining up the output
voltage. Also, the output voltage can be adjusted lower
by connecting a resistor, Rmargin-down, from the Trim pin to
the voltage source Vt. Figure 29 shows the circuit
configuration for output voltage margining adjustment.
Figure 29: Circuit configuration for output voltage margining


Similar Part No. - D12S300-1

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S300-1C DELTA-D12S300-1C Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S300-1D DELTA-D12S300-1D Datasheet
947Kb / 13P
   D/E Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5Vout, 60A
D12S300-1D DELTA-D12S300-1D Datasheet
1Mb / 13P
   D/E Non-Isolated Point of Load DC/DC Modules
D12S300-1E DELTA-D12S300-1E Datasheet
947Kb / 13P
   D/E Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5Vout, 60A
D12S300-1E DELTA-D12S300-1E Datasheet
1Mb / 13P
   D/E Non-Isolated Point of Load DC/DC Modules
More results

Similar Description - D12S300-1

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12F200 DELTA-D12F200 Datasheet
623Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S2R550A DELTA-D12S2R550A Datasheet
769Kb / 11P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 50A
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S300-1E DELTA-D12S300-1E Datasheet
947Kb / 13P
   D/E Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5Vout, 60A
D12S05020 DELTA-D12S05020 Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
logo
Diodes Incorporated
ZXRE160_V1 DIODES-ZXRE160_V1 Datasheet
383Kb / 2P
   ZXRE160 0.6V Shunt Regulator
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com