Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3232 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS3232
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS3232 Datasheet HTML 7Page - Maxim Integrated Products DS3232 Datasheet HTML 8Page - Maxim Integrated Products DS3232 Datasheet HTML 9Page - Maxim Integrated Products DS3232 Datasheet HTML 10Page - Maxim Integrated Products DS3232 Datasheet HTML 11Page - Maxim Integrated Products DS3232 Datasheet HTML 12Page - Maxim Integrated Products DS3232 Datasheet HTML 13Page - Maxim Integrated Products DS3232 Datasheet HTML 14Page - Maxim Integrated Products DS3232 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
event, it is possible that the microcontroller and DS3232
I2C communications could become unsynchronized,
e.g., the microcontroller resets while reading data from
the DS3232. When the microcontroller resets, the
DS3232 I2C interface may be placed into a known state
by toggling SCL until SDA is observed to be at a high
level. At that point the microcontroller should pull SDA
low while SCL is high, generating a START condition.
If SCL is held low for greater than tIF, the internal I2C
interface is reset. This limits the minimum frequency at
which the I2C interface can be operated. If data is
being written to the device when the interface timeout is
exceeded, prior to the acknowledge, the incomplete
byte of data is not written.
Clock and Calendar
The time and calendar information is obtained by read-
ing the appropriate register bytes. Figure 1 illustrates
the RTC registers. The time and calendar data are set
or initialized by writing the appropriate register bytes.
The contents of the time and calendar registers are in
binary-coded decimal (BCD) format. The DS3232 can
be run in either 12-hour or 24-hour mode. Bit 6 of the
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
____________________________________________________________________
11
Figure 1. Address Map for DS3232 Timekeeping Registers and SRAM
Note: Unless otherwise specified, the registers’ state is not defined when power is first applied.
ADDRESS
BIT 7
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LSB
FUNCTION
RANGE
00h
0
10 Seconds
Seconds
Seconds
00–59
01h
0
10 Minutes
Minutes
Minutes
00–59
AM/PM
02h
0
12/24
20 Hour
10 Hour
Hour
Hours
1–12 + AM/PM
00–23
03h
0
0
0
0
0
Day
Day
1–7
04h
0
0
10 Date
Date
Date
1–31
05h
Century
0
0
10 Month
Month
Month/
Century
01–12 +
Century
06h
10 Year
Year
Year
00–99
07h
A1M1
10 Seconds
Seconds
Alarm 1 Seconds
00–59
08h
A1M2
10 Minutes
Minutes
Alarm 1 Minutes
00–59
AM/PM
09h
A1M3
12/24
20 Hour
10 Hour
Hour
Alarm 1 Hours
1–12 + AM/PM
00–23
Day
Alarm 1 Day
1–7
0Ah
A1M4
DY/DT
10 Date
Date
Alarm 1 Date
1–31
0Bh
A2M2
10 Minutes
Minutes
Alarm 2 Minutes
00–59
AM/PM
0Ch
A2M3
12/24
20 Hour
10 Hour
Hour
Alarm 2 Hours
1–12 + AM/PM
00–23
Day
Alarm 2 Day
1–7
0Dh
A2M4
DY/DT
10 Date
Date
Alarm 2 Date
1–31
0Eh
EOSC
BBSQW
CONV
RS2
RS1
INTCN
A2IE
A1IE
Control
0Fh
OSF
BB32kHzCRATE1
CRATE0
EN32kHz
BSY
A2F
A1F
Control/Status
10h
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
Aging Offset
11h
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
MSB of Temp
12h
DATA
DATA
0
0
0
0
0
0
LSB of Temp
13h
0
0
0
0
0
0
0
0
Not used
Reserved for
test
14h–0FFh
x
x
x
x
x
x
x
x
SRAM
00h–0FFh


Similar Part No. - DS3232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
DS3232 MAXIM-DS3232 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
More results

Similar Description - DS3232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3234 MAXIM-DS3234_10 Datasheet
282Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3234 MAXIM-DS3234_07 Datasheet
292Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 1; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com