Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3234S Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3234S
Description  Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3234S Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3234S Datasheet HTML 1Page - Maxim Integrated Products DS3234S Datasheet HTML 2Page - Maxim Integrated Products DS3234S Datasheet HTML 3Page - Maxim Integrated Products DS3234S Datasheet HTML 4Page - Maxim Integrated Products DS3234S Datasheet HTML 5Page - Maxim Integrated Products DS3234S Datasheet HTML 6Page - Maxim Integrated Products DS3234S Datasheet HTML 7Page - Maxim Integrated Products DS3234S Datasheet HTML 8Page - Maxim Integrated Products DS3234S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Extremely Accurate SPI Bus RTC with
Integrated Crystal and SRAM
_____________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.0V to 5.5V, VCC = active supply (see Table 1), TA = -40°C to +85°C, unless otherwise noted.) (Typical values are at VCC =
3.3V, VBAT = 3.0V, and TA = +25°C, unless otherwise noted. TCXO operation guaranteed from 2.3V to 5.5V on VCC and 2.3V to 3.8V on
VBAT.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic 0 Output, 32kHz
VOL
IOL = 1mA
0.4
V
Logic 1 Output, DOUT
VOH
IOH = -1.0mA
0.85 x VCC
V
Logic 0 Output, DOUT, INT/SQW
VOL
IOL = 3mA
0.4
V
Logic 0 Output, RST
VOL
IOL = 1.0mA
0.4
V
Output Leakage Current 32kHz,
INT/SQW, DOUT
ILO
Output high impedance
-1
0
+1
µA
Input Leakage DIN, CS, SCLK
ILI
-1
+1
µA
RST Pin I/O Leakage
IOL
RST high impedance (Note 6)
-200
+10
µA
TCXO (VCC = 2.3V to 5.5V, VBAT = 2.3V to 3.8V, TA = -40
°C to +85°C, unless otherwise noted.) (Notes 2 and 3)
Output Frequency
fOUT
VCC = 3.3V or VBAT = 3.3V
32.768
kHz
0°C to +40°C
-2
+2
Frequency Stability vs.
Temperature
Δf/fOUT
VCC = 3.3V or
VBAT = 3.3V
-40°C to 0°C and
+40°C to +85°C
-3.5
+3.5
ppm
Frequency Stability vs. Voltage
Δf/V
1
ppm/V
-40°C
0.7
+25°C
0.1
+70°C
0.4
Trim Register Frequency
Sensitivity per LSB
Δf/LSB
Specified at:
+85°C
0.8
ppm
Temperature Accuracy
Temp
-3
+3
°C
First year
±1.0
Crystal Aging
Δf/fOUT
After reflow,
not production tested
0–10 years
±5.0
ppm
ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBAT = 2.0V to 3.8V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT = 3.4V
1.5
2.3
Timekeeping Battery Current
(Note 5)
IBATT
EOSC = 0, BBSQW = 0,
CRATE1 = CRATE0 = 0
VBAT = 3.8V
1.5
2.5
µA
Temperature Conversion Current
IBATTC
EOSC = 0, BBSQW = 0
400
µA
Data-Retention Current
IBATTDR
EOSC = 1
100
nA


Similar Part No. - DS3234S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3234S MAXIM-DS3234S Datasheet
314Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 0; 2/06
DS3234S- MAXIM-DS3234S- Datasheet
291Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
DS3234SN MAXIM-DS3234SN Datasheet
314Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 0; 2/06
DS3234SN- MAXIM-DS3234SN- Datasheet
291Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
More results

Similar Description - DS3234S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3234 MAXIM-DS3234 Datasheet
314Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 0; 2/06
DS3234 MAXIM-DS3234_07 Datasheet
292Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 1; 7/07
DS3234 MAXIM-DS3234_08 Datasheet
291Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com