Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP54TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BCP54TA
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP54TA Datasheet(HTML) 2 Page - Diodes Incorporated

  BCP54TA Datasheet HTML 1Page - Diodes Incorporated BCP54TA Datasheet HTML 2Page - Diodes Incorporated BCP54TA Datasheet HTML 3Page - Diodes Incorporated BCP54TA Datasheet HTML 4Page - Diodes Incorporated BCP54TA Datasheet HTML 5Page - Diodes Incorporated BCP54TA Datasheet HTML 6Page - Diodes Incorporated BCP54TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCP 54 / 55 / 56
Datasheet Number: DS35367 Rev. 2 – 2
2 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCP 54 / 55 / 56
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
BCP54
BCP55
BCP56
Unit
Collector-Base Voltage
VCBO
45
60
100
V
Collector-Emitter Voltage
VCEO
45
60
80
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
IC
1
A
Peak Pulse Collector Current
ICM
2
Continuous Base Current
IB
100
mA
Peak Pulse Base Current
IBM
200
Thermal Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
2
W
Thermal Resistance, Junction to Ambient (Note 4)
RθJA
62
°C/W
Thermal Resistance, Junction to Leads (Note 5)
RθJL
19.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
4. For a device surface mounted on 50mm X 50mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; the device is measured
when operating in a steady-state condition.
5. Thermal resistance from junction to solder-point (at the end of the collector lead).


Similar Part No. - BCP54TA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCP54T NEXPERIA-BCP54T Datasheet
273Kb / 14P
   45 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
BCP54T NEXPERIA-BCP54T Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
More results

Similar Description - BCP54TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP41 ZETEX-BSP41 Datasheet
47Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSP40 ZETEX-BSP40 Datasheet
47Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FZT604 ZETEX-FZT604 Datasheet
70Kb / 3P
   SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCP51 DIODES-BCP51 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
FZT491ATA DIODES-FZT491ATA Datasheet
212Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
BCP54_55_56 DIODES-BCP54_55_56_15 Datasheet
430Kb / 7P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
BCP5416Q DIODES-BCP5416Q Datasheet
395Kb / 8P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
August 2021 Rev. 5 - 2
FZT694B DIODES-FZT694B Datasheet
111Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM
FZT458TA DIODES-FZT458TA Datasheet
272Kb / 7P
   400V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
FZT489TA DIODES-FZT489TA Datasheet
227Kb / 7P
   30V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com