Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP6507 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP6507
Description  500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6507 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP6507 Datasheet HTML 5Page - Diodes Incorporated AP6507 Datasheet HTML 6Page - Diodes Incorporated AP6507 Datasheet HTML 7Page - Diodes Incorporated AP6507 Datasheet HTML 8Page - Diodes Incorporated AP6507 Datasheet HTML 9Page - Diodes Incorporated AP6507 Datasheet HTML 10Page - Diodes Incorporated AP6507 Datasheet HTML 11Page - Diodes Incorporated AP6507 Datasheet HTML 12Page - Diodes Incorporated AP6507 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP6507
500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6507
Document number: DS33435 Rev. 2 - 2
10 of 13
www.diodes.com
May 2011
© Diodes Incorporated
Application Information (cont.)
Current Limit Protection
In order to reduce the total power dissipation and to
protect the application, AP6507 has cycle-by-cycle current
limiting implementation. The voltage drop across the
internal high-side MOSFET is sensed and compared with
the internally set current limit threshold. This voltage drop
is sensed at about 30ns after the HS turns on. When the
peak inductor current exceeds the set current limit
threshold, current limit protection is activated. During this
time the feedback voltage (VFB) drops down. When the
voltage at the FB pin reaches 0.3V, the internal oscillator
shifts the frequency from the normal operating frequency
of 500kHz to a fold-back frequency of 150kHz. The current
limit is reduced to 70% of nominal current limit when the
part is operating at 150kHz. This low Fold-back frequency
prevents runaway current.
Under Voltage Lockout (UVLO)
Under Voltage Lockout is implemented to prevent the IC
from insufficient input voltages. The AP6507 has a UVLO
comparator that monitors the input voltage and the internal
bandgap reference. If the input voltage falls below 4.0V,
the AP6507 will latch an under voltage fault. In this event
the output will be pulled low and power has to be re-cycled
to reset the UVLO fault.
Thermal Shutdown
The AP6507 has on-chip thermal protection that prevents
damage to the IC when the die temperature exceeds safe
margins. It implements a thermal sensing to monitor the
operating junction temperature of the IC. Once the die
temperature rises to approximately 140°C, the thermal
protection feature gets activated. The internal thermal
sense circuitry turns the IC off thus preventing the power
switch from damage.
A hysteresis in the thermal sense circuit allows the device
to cool down to approximately 120°C before the IC is
enabled again through soft start. This thermal hysteresis
feature prevents undesirable oscillations of the thermal
protection circuit.
Setting the Output Voltage
The output voltage can be adjusted from 0.81V to 15V
using an external resistor divider. Table 1 shows a list of
resistor selection for common output voltages. Resistor
R1 is selected based on a design tradeoff between
efficiency and output voltage accuracy. For high values of
R1 there is less current consumption in the feedback
network. However the trade off is output voltage accuracy
due to the bias current in the error amplifier. R2 can be
determined by the following equation:
⎟⎟
⎜⎜
=
1
0.81
OUT
V
2
R
1
R
Figure 2. Feedback Divider Network
When output voltage is low, T-type network as shown in
Figure 2 recommended.
VOUT (V)
R1 (kΩ)
R2 (kΩ)
Rt (kΩ)
1.2
4.99
10.2
24.9
1.8
4.99 (1%)
4.02 (1%)
24.9
2.5
40.2 (1%)
19.1 (1%)
0
3.3
40.2 (1%)
13 (1%)
0
5
40.2 (1%)
7.68 (1%)
35.7
Table 1—Resistor Selection for Common Output
Voltages
Inductor
Calculating the inductor value is a critical factor in
designing a buck converter. For most designs, the
following equation can be used to calculate the inductor
value;
SW
f
L
ΔI
IN
V
)
OUT
V
IN
(V
OUT
V
L
=
Where
L
ΔI is the inductor ripple current.
And
SW
f
is the buck converter switching frequency.
Choose the inductor ripple current to be 30% of the
maximum load current. The maximum inductor peak
current is calculated from:
2
L
ΔI
LOAD
I
L(MAX)
I
+
=


Similar Part No. - AP6507

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
AP6501S-13 DIODES-AP6501S-13 Datasheet
367Kb / 15P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
AP6501SP-13 DIODES-AP6501SP-13 Datasheet
367Kb / 15P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6502 DIODES-AP6502 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
More results

Similar Description - AP6507

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A7230 AITSEMI-A7230 Datasheet
1Mb / 17P
   DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED
REV1.1
logo
Diodes Incorporated
AP3512E DIODES-AP3512E Datasheet
616Kb / 14P
   18V, 2A SYNCHRONOUS DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
logo
Anachip Corp
AP1501 ANACHIP-AP1501 Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Linear Technology
LTC3119UFD LINER-LTC3119UFD Datasheet
657Kb / 8P
   18V, 5A Synchronous Buck-Boost DC/DC Converter
LTC3119 LINER-LTC3119 Datasheet
2Mb / 36P
   18V, 5A Synchronous Buck-Boost DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com