Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL5UR44 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL5UR44
Description  첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL5UR44 Datasheet(HTML) 1 Page - Sharp Corporation

  GL5UR44 Datasheet HTML 1Page - Sharp Corporation GL5UR44 Datasheet HTML 2Page - Sharp Corporation GL5UR44 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Super-luminosity LED Lamp/High-luminosity LED Lamp
GL5tt44 series
GL5uu44 series
s Outline Dimensions
ø5.0
±0.15
Colorless transparency
0.5
±0.1
2.54NOM
2.5
1
2
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
s Radiation Diagram
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
DC
Pulse
GL5UR44
GL5TR44
GL5HJ44
GL5HV44
GaA1As on GaA1As
GaA1As on GaAs
A1GaInP
A1GaInP
75
110
130
130
30
50
50
50
0.40
0.67
0.67
0.67
0.67
4.00
1.33
1.33
260
260
260
260
50
*1
300
*2
100
*1
100
*1
4
5
4.1
4.1
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red(Super-luminosity)
Red(High-luminosity)
Orange(Super-luminosity)
Yellow(Super-luminosity)
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 Duty ratio=1/16, Pulse width
≤1ms
*3 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL5UR44
GL5TR44
GL5HJ44
GL5HV44
TYP
MAX
1.85
1.75
1.9
1.9
2.5
2.2
2.6
2.6
660
660
620
590
20
20
20
20
20
20
20
20
20
20
20
20
100
10
100
100
3
4
4
4
25
30
26
24
1
1
1
1
20
20
18
13
850
100
1 400
700
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colorless
transparency
s Electro-optical Characteristics
(Unit :
mm)
(Ta=25˚C)
ø5mm(T-1 3/4), Cylinder Type, Colorless
Transparency, High-luminosity LED
Lamps for Outdoor Use


Similar Part No. - GL5UR44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL5UR44 ETC1-GL5UR44 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL5UR44

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL5UR2K1 SHARP-GL5UR2K1 Datasheet
72Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
GL6UR31 SHARP-GL6UR31 Datasheet
76Kb / 2P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity LED Lamp for Outdoor Use
GL5UR2K SHARP-GL5UR2K Datasheet
47Kb / 2P
   첩5mm(T-1 3/4), Cylinder Type, Colored Transparency, High-luminosity LED Lamps for Outdoor Use
GL6EG31 SHARP-GL6EG31 Datasheet
53Kb / 2P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency High-luminosity LED Lamp for Outdoor Use
GL6CU7 SHARP-GL6CU7 Datasheet
123Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Dichromatic LED Lamp for Outdoor Use
GL6CU11 SHARP-GL6CU11 Datasheet
124Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Dichromatic LED Lamp for Outdoor Use
GL5PR43 SHARP-GL5PR43 Datasheet
81Kb / 4P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency LED Lamps for Indicator
GL5UR8 SHARP-GL5UR8 Datasheet
71Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Outdoor Use
LT9560U SHARP-LT9560U Datasheet
274Kb / 6P
   첩10mm, Cylinder Type, Colorless Transparency, High-luminosity Large LED lamps for Outdoor Use
GL5PR44 SHARP-GL5PR44 Datasheet
81Kb / 4P
   첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency LED Lamps for Backlight/Indicator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com