Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2411 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2411
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2411 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2411 Datasheet HTML 1Page - Diodes Incorporated AP2411 Datasheet HTML 2Page - Diodes Incorporated AP2411 Datasheet HTML 3Page - Diodes Incorporated AP2411 Datasheet HTML 4Page - Diodes Incorporated AP2411 Datasheet HTML 5Page - Diodes Incorporated AP2411 Datasheet HTML 6Page - Diodes Incorporated AP2411 Datasheet HTML 7Page - Diodes Incorporated AP2411 Datasheet HTML 8Page - Diodes Incorporated AP2411 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP2401/AP2411
2.0A SINGLE CHANNEL CURRENT-LIMITED
POWER SWITCH WITH LATCH-OFF
AP2401/AP2411
Document number: DS35113 Rev. 3 - 2
4 of 15
www.diodes.com
June 2011
© Diodes Incorporated
Electrical Characteristics (TA = 25°C, VIN = +5.0V, CIN = 0.1µF, CL= 1µF, unless otherwise specified)
Symbol
Parameter
Test Conditions (Note 3)
Min
Typ.
Max
Unit
VUVLO
Input UVLO
VIN rising
1.6
2.0
2.4
V
ΔVUVLO Input UVLO Hysteresis
VIN decreasing
50
mV
ISHDN
Input Shutdown Current
Disabled, OUT = open
0.1
1
µA
IQ
Input Quiescent Current
Enabled, OUT = open
60
100
µA
ILEAK
Input Leakage Current
Disabled, OUT grounded
0.1
1
µA
IREV
Reverse Leakage Current
Disabled, VIN= 0V, VOUT= 5V, IREV at VIN
0.01
1
µA
RDS(ON)
Switch on-resistance
VIN = 5V, IOUT= 2.0A
TA = 25
oC
70
84
m
-40
oC ≤ TA ≤ 85oC
105
VIN = 3.3V, IOUT= 2.0A
TA = 25
oC
90
108
-40
oC ≤ TA ≤ 85oC
135
ILIMIT
Over-Load Current Limit
(Note 3)
VIN= 5V, VOUT= 4.5V
-40
oC≤ TA ≤85oC
2.0
2.5
2.85
A
ITrig
Current limiting trigger threshold Output Current Slew rate (<100A/s)
2.5
A
ISHORT Short-Circuit Current Limit
Enabled into short circuit
2.1
2.75
3.3
A
TSHORT Short-circuit Response Time
VOUT = 0V to IOUT = ILIMIT (OUT shorted to
ground)
2
µs
VIL
EN Input Logic Low Voltage
VIN = 2.7V to 5.5V
0.8
V
VIH
EN Input Logic High Voltage
VIN = 2.7V to 5.5V
2
V
ILEAK-EN EN Input leakage
VIN = 5V, VEN = 0V and 5.5V
0.01
1
µA
ILEAK-O Output leakage current
Disabled, VOUT= 0V
0.5
1
µA
TD(ON) Output turn-on delay time
CL= 1µF, Rload= 5Ω
0.1
ms
TR
Output turn-on rise time
CL= 1µF, Rload= 5Ω
0.6
1.5
ms
TD(OFF) Output turn-off delay time
CL= 1µF, Rload= 5Ω
0.1
ms
TF
Output turn-off fall time
CL= 1µF, Rload= 5Ω
0.05
0.1
ms
RFLG
FLG output FET on-resistance
IFLG = 10mA
20
40
IFOH
FLG Off Current
VFLG= 5V
0.01
1
µA
TBlank
FLG blanking and latch off time
Assertion or deassertion due to overcurrent and
over-temperature condition
4
7
15
ms
TDIS
Discharge time
CL= 1µF, VIN = 5V, disabled to VOUT < 0.5V
0.6
ms
RDIS
Discharge resistance (Note 4)
VIN = 5V, disabled, IOUT= 1mA
100
TSHDN
Thermal Shutdown Threshold
Enabled
140
°C
THYS
Thermal Shutdown Hysteresis
20
°C
θJA
Thermal Resistance Junction-to-
Ambient
SO-8 (Note 5)
96
°C/W
MSOP-8EP (Note 6)
92
°C/W
DFN3030-8 (Note 6)
84
°C/W
Notes:
3. Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
4. The discharge function is active when the device is disabled (when enable is de-asserted or during power-up power-down when VIN < VUVLO).
The discharge function offers a resistive discharge path for the external storage capacitor for limited time.
5. Device mounted on 2” x 2” FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.
6. Device mounted on 2” x 2” FR-4 substrate PCB, 2oz copper, with minimum recommended pad on top layer and thermal vias to bottom layer ground
plane.


Similar Part No. - AP2411

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2411 DIODES-AP2411 Datasheet
454Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2411A DIODES-AP2411A Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2411AFGE-13 DIODES-AP2411AFGE-13 Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2411AFGE-7 DIODES-AP2411AFGE-7 Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2411AM8-13 DIODES-AP2411AM8-13 Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
More results

Similar Description - AP2411

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2401S-13 DIODES-AP2401S-13 Datasheet
475Kb / 19P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2301 DIODES-AP2301_13 Datasheet
441Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com