Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G34DW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC2G34DW
Description  DUAL BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G34DW Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC2G34DW Datasheet HTML 1Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 2Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 3Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 4Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 5Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 6Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 7Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 8Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LVC2G34
DUAL BUFFER
74LVC2G34
Document number: DS35165 Rev. 3 - 2
2 of 10
www.diodes.com
June 2011
© Diodes Incorporated
Pin Descriptions
Pin Name
Pin NO.
Description
1A
1
Data Input
GND
2
Ground
2A
3
Data Input
2Y
4
Data Output
VCC
5
Supply Voltage
1Y
6
Data Output
Logic Diagram
1
6
1Y
1A
3
4
2Y
2A
Function Table
Inputs
Output
A
Y
H
H
L
L


Similar Part No. - 74LVC2G34DW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
   DUAL BUFFER GATE
2004 Sep 10
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
74LVC2G34 NXP-74LVC2G34 Datasheet
146Kb / 17P
   Dual buffer gate
Rev. 5-2 September 2010
logo
Nexperia B.V. All right...
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
   Dual buffer gate
Rev. 12 - 20 January 2022
74LVC2G34-Q100 NEXPERIA-74LVC2G34-Q100 Datasheet
204Kb / 12P
   Dual buffer gate
More results

Similar Description - 74LVC2G34DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NL27WZ16 ONSEMI-NL27WZ16_V01 Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com