Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G98Z4 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # 74LVC1G98Z4
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G98Z4 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC1G98Z4 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G98Z4 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
74LVC1G98
CONFIGURABLE MULTIPLE-FUNCTION GATE
74LVC1G98
Document number: DS35128 Rev. 3 - 2
8 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Parameter Measurement Information
VCC
Inputs
VM
CL
RL
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
30pF
1K
2.5V±0.2V
VCC
≤2ns
VCC/2
30pF
500
3.3V±0.3V
3V
≤2.5ns
1.5V
50pF
500
5V±0.5V
VCC
≤2.5ns
VCC/2
50pF
500
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes: A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz
C. Inputs are measured separately one transition per measurement
D. tPLH and tPHL are the same as tPD


Similar Part No. - 74LVC1G98Z4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G98 DIODES-74LVC1G98 Datasheet
296Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35128 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC1G98 NEXPERIA-74LVC1G98 Datasheet
850Kb / 20P
   Low-power configurable multiple function gate
74LVC1G98-Q100 NEXPERIA-74LVC1G98-Q100 Datasheet
225Kb / 14P
   Low-power configurable multiple function gate
Rev. 1 - 6 December 2022
logo
Diodes Incorporated
74LVC1G98DW DIODES-74LVC1G98DW Datasheet
296Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35128 Rev. 1 - 2
74LVC1G98FW4 DIODES-74LVC1G98FW4 Datasheet
296Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35128 Rev. 1 - 2
More results

Similar Description - 74LVC1G98Z4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com