Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G04W6 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC2G04W6
Description  DUAL INVERTER GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G04W6 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC2G04W6 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G04W6 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G04W6 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G04W6 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G04W6 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G04W6 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G04W6 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G04W6 Datasheet HTML 9Page - Diodes Incorporated 74LVC2G04W6 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74LVC2G04
DUAL INVERTER GATE
74LVC2G04.
Document number: DS35160 Rev 3 - 2
6 of 12
www.diodes.com
June 2011
© Diodes Incorporated
Switching Characteristics
TA= -40°C to 85°C, CL = 30 or 50pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A
Y
0.5
8.0
1.0
4.4
0.5
4.1
0.5
3.2
ns
TA= -40°C to 125°C, CL = 30 or 50pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A
Y
0.5
9.5
0.5
5.4
0.5
5.5
0.5
3.8
ns
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ.
Typ.
Typ.
Typ.
Cpd
Power dissipation
capacitance
f = 10 MHz
17
19
20
21
pF


Similar Part No. - 74LVC2G04W6

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC2G04 PANASONIC-74LVC2G04 Datasheet
85Kb / 14P
   Dual inverter
logo
NXP Semiconductors
74LVC2G04 NXP-74LVC2G04 Datasheet
84Kb / 14P
   Dual inverter
Rev. 04-25 July 2007
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
74LVC2G04-Q100 NEXPERIA-74LVC2G04-Q100 Datasheet
208Kb / 12P
   Dual inverter
logo
NXP Semiconductors
74LVC2G04GF NXP-74LVC2G04GF Datasheet
84Kb / 14P
   Dual inverter
Rev. 04-25 July 2007
More results

Similar Description - 74LVC2G04W6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI1-SN74LVC2G04_18 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Inverter Gate
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04_1 Datasheet
598Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
366Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com