Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV7623 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV7623
Description  480 output high-voltage gate driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV7623 Datasheet HTML 2Page - STMicroelectronics STV7623 Datasheet HTML 3Page - STMicroelectronics STV7623 Datasheet HTML 4Page - STMicroelectronics STV7623 Datasheet HTML 5Page - STMicroelectronics STV7623 Datasheet HTML 6Page - STMicroelectronics STV7623 Datasheet HTML 7Page - STMicroelectronics STV7623 Datasheet HTML 8Page - STMicroelectronics STV7623 Datasheet HTML 9Page - STMicroelectronics STV7623 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Functional description
STV7623
6/27
Doc ID 018939 Rev 1
2
Functional description
The STV7623 includes all the logic and power circuits necessary to drive the thin-film
transistor (TFT) of an active matrix display backplane. A low-voltage logic block manages
data information, and a high-voltage block converts the low-voltage information stored in the
logic block into high-voltage signals applied to the display gate lines.
2.1
Device operation
In the condition of DIR=L, the STV1 start pulse input is sensed at the rising edge of CLK and
stored in the first stage of shift register, which causes the first scan signal is outputted from
the OUT1 output pin. While stored data is transferred to the next stage of the shift register at
the rising edge of the CLK signal, new data of STV1 is sensed and stored simultaneously.
The output pin (OUT1 to OUT480) supplies VP or VN voltage to the gate lines depending on
the data stored in the shift register. For normal operation, a VP voltage is outputted one by
one like a shift token from OUT1 to OUT480, in sync with CLK pulse.
STV2 goes up to high level at the 400/480th falling edge of CLK and goes down to low level
at the 401/481th falling edge of CLK. This STV2 is connected to the next driver IC STV1
signal to cascade (daisy chain) them.
When STV2 is an output, the signal is activated for 1/2 clock later.
When the chip is configured in 400 output mode, only the first 400 bits entering the shift
register are used, the remaining 80 outputs are removed from the shift register.
Figure 3.
Example of input/output timing DIR = H
1
2
3
4
5
6
7
479
480
481
482
CLK
STV1
BLANK
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT480
STV2
Example of input/output timing (DIR=0)


Similar Part No. - STV7623

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
April 2002 Version 3.1
STV7620F STMICROELECTRONICS-STV7620F Datasheet
136Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
April 2002 Version 3.1
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7620M STMICROELECTRONICS-STV7620M Datasheet
136Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
April 2002 Version 3.1
STV7620S STMICROELECTRONICS-STV7620S Datasheet
136Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
April 2002 Version 3.1
More results

Similar Description - STV7623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG5NT021-200000V RENESAS-SLG5NT021-200000V Datasheet
322Kb / 9P
    High Voltage Gate Driver
February 9, 2022
SLG55021-200010 RENESAS-SLG55021-200010 Datasheet
323Kb / 9P
   High Voltage Gate Driver
9-Feb-2022
SLG55022 RENESAS-SLG55022 Datasheet
346Kb / 10P
   High Voltage Gate Driver
9-Feb-2022
logo
NEC
UPD160083 NEC-UPD160083 Datasheet
240Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
   High voltage gate driver IC
Revision 1.0, 2013-07-26
2EDL23I06PJ INFINEON-2EDL23I06PJ Datasheet
1,013Kb / 23P
   High voltage gate driver IC
Revision 2.2, 01.06.2016
6EDL04I06PT INFINEON-6EDL04I06PT_16 Datasheet
818Kb / 25P
   High voltage gate driver IC
Revision 2.6, 05.08.2016
2EDL05I06PF INFINEON-2EDL05I06PF_16 Datasheet
1Mb / 22P
   High voltage gate driver IC
Revision 2.6, 01.06.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com