Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMCAD1101 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMCAD1101
Description  Octal 13/12-Bit 65 MSPS A/D Co nverter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1101 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMCAD1101 Datasheet HTML 1Page - Hittite Microwave Corporation HMCAD1101 Datasheet HTML 2Page - Hittite Microwave Corporation HMCAD1101 Datasheet HTML 3Page - Hittite Microwave Corporation HMCAD1101 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1101 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1101 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1101 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1101 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1101 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 5
HMCAD1101
v03.0611
Octal 13/12-Bit 65 MSPS
a/D cOnverter
absolute Maximum ratings
Applying voltages to the pins beyond those specified
in table 1 could cause permanent damage to the
circuit.
table 1: absolute Maximum ratings
Pin
reference pin
rating
AvDD
Avss
-0.3v to +2.3v
DvDD
Dvss
-0.3v to +2.3v
ovDD
Avss
-0.3v to +3.9v
Avss / Dvss
Dvss / Avss
-0.3v to +0.3v
Analog inputs and
outputs
Avss
-0.3v to +2.3v
CLKx
Avss
-0.3v to +3.9v
LvDs outputs
Dvss
-0.3v to +2.3v
Digital inputs
Dvss
-0.3v to +3.9v
table 2: Maximum temperature ratings
operating temperature
-40 to +85 °C
storage temperature
-60 to +150 °C
Maximum Junction temperature
110 °C
thermal resistance (rth)
25 °C/W
soldering Profile Qualification
J-stD-020
esD sensivity HBM
Class 1C
esD sensivity CDM
Class III
eLeCtrostAtIC sensItIve DevICe
oBserve HAnDLInG PreCAUtIons
stresses above those listed under Absolute Maximum
ratings may cause permanent damage to the device. this
is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in
the operational section of this specification is not implied.
exposure to absolute maximum rating conditions for
extended periods may affect device reliability.


Similar Part No. - HMCAD1101

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMCAD1100 HITTITE-HMCAD1100 Datasheet
1Mb / 26P
   Octal 13/12-Bit 20/40/50 MSPS A/D Co nverter
HMCAD1102 HITTITE-HMCAD1102 Datasheet
1Mb / 24P
   Octal 12-Bit 80 MSPS A/D Co nverter
More results

Similar Description - HMCAD1101

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMCAD1102 HITTITE-HMCAD1102 Datasheet
1Mb / 24P
   Octal 12-Bit 80 MSPS A/D Co nverter
HMCAD1100 HITTITE-HMCAD1100 Datasheet
1Mb / 26P
   Octal 13/12-Bit 20/40/50 MSPS A/D Co nverter
HMCAD1051-80 HITTITE-HMCAD1051-80 Datasheet
755Kb / 14P
   Single 13/12-Bit 65/80 MSPS A/D Converter
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
   Dual 13/12-Bit 65/80 MSPS A/D Converter
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com