Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE250ABW5-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXRE250ABW5-7
Description  VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE250ABW5-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXRE250ABW5-7 Datasheet HTML 2Page - Diodes Incorporated ZXRE250ABW5-7 Datasheet HTML 3Page - Diodes Incorporated ZXRE250ABW5-7 Datasheet HTML 4Page - Diodes Incorporated ZXRE250ABW5-7 Datasheet HTML 5Page - Diodes Incorporated ZXRE250ABW5-7 Datasheet HTML 6Page - Diodes Incorporated ZXRE250ABW5-7 Datasheet HTML 7Page - Diodes Incorporated ZXRE250ABW5-7 Datasheet HTML 8Page - Diodes Incorporated ZXRE250ABW5-7 Datasheet HTML 9Page - Diodes Incorporated ZXRE250ABW5-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ZXRE250/ZXRE252
VERY LOW CATHODE CURRENT ADJUSTABLE
PRECISION SHUNT REGULATOR
ZXRE250/ZXRE252
Document number: DS35228 Rev. 3 - 2
6 of 14
www.diodes.com
May 2011
© Diodes Incorporated
Typical Performance Characteristics (cont.)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-75
-50
-25
0
25
50
75
100
125
T Free Air Temperature ( C)
Off-State Cathode Current vs. Free Air Temperature
A
°
V
= 36V
V= 0
KA
REF
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-50
-25
0
25
50
75
100
125
V
= 3V t o 36V
KA
T Free Air Temperature (C)
R atio of Delta Reference Voltage to Delta Cathode
Voltage vs. Free Air Temperature
A
200
220
240
260
280
300
320
340
360
380
400
10
100
1K
10K
100K
f- Frequency (Hz)
Equivalent Input Noise Voltage vs. Frequency
I
= 10mA
V
= V
T = 25°C
KA
KA
REF
A


Similar Part No. - ZXRE250ABW5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE250ASA-7 DIODES-ZXRE250ASA-7 Datasheet
209Kb / 2P
   Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
ZXRE250AW5-7 DIODES-ZXRE250AW5-7 Datasheet
209Kb / 2P
   Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
More results

Similar Description - ZXRE250ABW5-7

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_11 Datasheet
409Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AS431I DIODES-AS431I Datasheet
448Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AP431S DIODES-AP431S Datasheet
524Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AP431I DIODES-AP431I Datasheet
445Kb / 17P
   LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com