Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE250ABSA-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXRE250ABSA-7
Description  VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE250ABSA-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXRE250ABSA-7 Datasheet HTML 1Page - Diodes Incorporated ZXRE250ABSA-7 Datasheet HTML 2Page - Diodes Incorporated ZXRE250ABSA-7 Datasheet HTML 3Page - Diodes Incorporated ZXRE250ABSA-7 Datasheet HTML 4Page - Diodes Incorporated ZXRE250ABSA-7 Datasheet HTML 5Page - Diodes Incorporated ZXRE250ABSA-7 Datasheet HTML 6Page - Diodes Incorporated ZXRE250ABSA-7 Datasheet HTML 7Page - Diodes Incorporated ZXRE250ABSA-7 Datasheet HTML 8Page - Diodes Incorporated ZXRE250ABSA-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ZXRE250/ZXRE252
VERY LOW CATHODE CURRENT ADJUSTABLE
PRECISION SHUNT REGULATOR
ZXRE250/ZXRE252
Document number: DS35228 Rev. 3 - 2
2 of 14
www.diodes.com
May 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Rating
Unit
VKA
Cathode Voltage
40
V
IKA
Continuous Cathode Current
150
mA
IREF
Reference Input Current
-0.050 to +10
mA
TJ
Operating Junction Temperature
+150
°C
TST
Storage Temperature
-55 to +150
°C
PD
Power Dissipation (Notes 3, 4)
SOT23
330
mW
SOT25
500
mW
Notes:
2. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. Unless otherwise stated voltages specified are relative to the ANODE pin.
3. TJ, max =150°C.
4. Ratings apply to ambient temperature at 25°C.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VKA
Cathode Voltage
VREF
36
V
IKA
Cathode Current
0.065
100
mA
TA
Operating Ambient Temperature
-40
125
°C


Similar Part No. - ZXRE250ABSA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE250ASA-7 DIODES-ZXRE250ASA-7 Datasheet
209Kb / 2P
   Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
ZXRE250AW5-7 DIODES-ZXRE250AW5-7 Datasheet
209Kb / 2P
   Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
More results

Similar Description - ZXRE250ABSA-7

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_11 Datasheet
409Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AS431I DIODES-AS431I Datasheet
448Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AP431S DIODES-AP431S Datasheet
524Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AP431I DIODES-AP431I Datasheet
445Kb / 17P
   LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com