Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCT1110 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXCT1110
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1110 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXCT1110 Datasheet HTML 4Page - Diodes Incorporated ZXCT1110 Datasheet HTML 5Page - Diodes Incorporated ZXCT1110 Datasheet HTML 6Page - Diodes Incorporated ZXCT1110 Datasheet HTML 7Page - Diodes Incorporated ZXCT1110 Datasheet HTML 8Page - Diodes Incorporated ZXCT1110 Datasheet HTML 9Page - Diodes Incorporated ZXCT1110 Datasheet HTML 10Page - Diodes Incorporated ZXCT1110 Datasheet HTML 11Page - Diodes Incorporated ZXCT1110 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 3 - 2
8 of 16
www.diodes.com
JULY 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical AC Characteristics
-70
-60
-50
-40
-30
-20
-10
0
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
V
= 0V,
GND = -3.7V
R
= 10k
S+
GAIN
TIME (µs)
Small Signal Pulse Response
Output
Input
0
5
10 15
20 25 30 35 40 45 50
-250
-200
-150
-100
-50
0
-25
-21
-17
-13
-9
-5
V
= 0V,
GND = -20V
R
= 10k
S+
GAIN
Output
Input
TIME (µs)
Large Signal Pulse Response
0
5
10 15
20 25 30 35 40 45 50
-250
-200
-150
-100
-50
0
-20
-18
-16
-14
-12
-10
V
= 0V,
GND = -20V
R
= 10k
S+
GAIN
TIME (µs)
Large Signal Pulse Response
Output
Input
0
5
10 15
20 25 30 35 40 45 50
-25
-20
-15
-10
-5
0
-20
-19
-18
V
= 0V,
GND = -20V
R
= 10k
S+
GAIN
TIME (µs)
Small Signal Pulse Response
Output
Input
0
5
10 15
20 25 30 35 40 45 50
-102
-100
-98
-96
-94
-92
-90
-88
0
5
1015
2025 30
35 40 45 50
-17
-16.5
-16
-15.5
-15
V
= 0V,
GND = -20V
R
= 10k
S+
GAIN
TIME (µs)
Small Signal Pulse Response
Output
Input
-112
-110
-108
-106
-104
-102
-100
-98
0
5
10 15
20 25 30 35 40
45 50
-17
-16.8
-16.6
-16.4
-16.2
-16
-15.8
-15.6
-15.4
-15.2
-15
TIME (µs)
Small Signal Pulse Response
V
= 0V,
GND = -20V
R
= 10k
S+
GAIN
Output
Input


Similar Part No. - ZXCT1110

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1110 DIODES-ZXCT1110 Datasheet
374Kb / 17P
   LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1110 DIODES-ZXCT1110 Datasheet
263Kb / 2P
   Low power high side current monitors
ZXCT1110Q DIODES-ZXCT1110Q Datasheet
620Kb / 17P
   AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
ZXCT1110QW5-7 DIODES-ZXCT1110QW5-7 Datasheet
620Kb / 17P
   AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
ZXCT1110W5-7 DIODES-ZXCT1110W5-7 Datasheet
374Kb / 17P
   LOW POWER HIGH-SIDE CURRENT MONITORS
More results

Similar Description - ZXCT1110

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
   LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT11 DIODES-ZXCT11 Datasheet
263Kb / 2P
   Low power high side current monitors
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
logo
Diodes Incorporated
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1084E5TA DIODES-ZXCT1084E5TA Datasheet
307Kb / 14P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
   High-Accuracy, High-Side Current Monitors in SOT23
2015
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
   High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
   AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com