Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD1370 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD1370 Datasheet HTML 1Page - Diodes Incorporated ZXLD1370 Datasheet HTML 2Page - Diodes Incorporated ZXLD1370 Datasheet HTML 3Page - Diodes Incorporated ZXLD1370 Datasheet HTML 4Page - Diodes Incorporated ZXLD1370 Datasheet HTML 5Page - Diodes Incorporated ZXLD1370 Datasheet HTML 6Page - Diodes Incorporated ZXLD1370 Datasheet HTML 7Page - Diodes Incorporated ZXLD1370 Datasheet HTML 8Page - Diodes Incorporated ZXLD1370 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
5 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (Test conditions: VIN = VAUX = 12V, TA = 25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply and reference parameters
VUV-
Under-Voltage detection threshold
Normal operation to switch disabled
VIN or VAUX falling
5.2
5.6
6.3
V
VUV+
Under-Voltage detection threshold
Switch disabled to normal operation
VIN or VAUX rising
5.5
6
6.5
V
IQ-IN
Quiescent current into VIN
PWM pin floating.
Output not switching
1.5
3
mA
IQ-AUX
Quiescent current into VAUX
150
300
µA
ISB-IN
Standby current into VIN.
PWM pin grounded
for more than 15ms
90
150
µA
ISB-AUX
Standby current into VAUX.
0.7
10
µA
VREF
Internal reference voltage
No load
1.237
1.25
1.263
V
ΔVREF
Change in reference voltage with output
current
Sourcing 1mA
-5
mV
Sinking 100 µA
5
VREF_LINE
Reference voltage line regulation
VIN = VAUX , 6.5V<VIN = <60V
-60
-90
dB
VREF-TC
Reference temperature coefficient
+/-50
ppm/°C
DC-DC converter parameters
VADJ
External dc control voltage applied to ADJ
pin to adjust output current (Note 8)
DC brightness control mode
10% to 200%
0.125
1.25
2.5
V
IADJ
ADJ input current (Note 8)
VADJ ≤ 2.5V
VADJ = 5.0V
100
5
nA
µA
VGI
GI Voltage threshold for boost and buck-
boost modes selection (Note 8)
VADJ = 1.25V
0.8
V
IGI
GI input current (Note 8)
VGI ≤ 2.5V
VGI = 5.0V
100
5
nA
µA
IPWM
PWM input current
VPWM = 5.5V
36
100
µA
tPWMoff
PWM pulse width
(to enter shutdown state)
PWM input low
10
15
25
ms
TSDH
Thermal shutdown upper threshold
(GATE output forced low)
Temperature rising.
150
ºC
TSDL
Thermal shutdown lower threshold
(GATE output re-enabled)
Temperature falling.
125
ºC
High-Side Current Monitor (Pin ISM)
IISM
Input Current
Measured into ISM pin and
VISM = 12V
11
20
µA
VSENSE_acc
Accuracy of nominal VSENSE threshold
voltage
VADJ = 1.25V
±0.25
±2
%
VSENSE-OC Over-current sense threshold voltage
300
350
375
mV
Notes:
8.
The ADJ and GI pins have an internal clamp that limits the internal node to less than 3V. This provides some failsafe should those pins get
overdriven.


Similar Part No. - ZXLD1370

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1370 DIODES-ZXLD1370 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370 DIODES-ZXLD1370 Datasheet
238Kb / 2P
   Versatile LED driver increases reliability of high brightness lamps
ZXLD1370 DIODES-ZXLD1370 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1370EST16TC DIODES-ZXLD1370EST16TC Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
More results

Similar Description - ZXLD1370

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
   60V BUCK-BOOST LED CONTROLLER
August 2020
ZXLD1366ET5TA DIODES-ZXLD1366ET5TA Datasheet
856Kb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
   60V 4-Switch Synchronous Buck-Boost LED Driver Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com