Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C075 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-C075
Description  tWO Stage Pow er Amplifier Module, 10 MHz - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C075 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-C075 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C075 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C075 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C075 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C075 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C075 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 - 1
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC-C075
tWO Stage POWer amPlifier
mOdule, 10 mHz - 6 gHz
v02.0711
general description
features
functional diagram
The HmC-C075 is a Two stage power amplifier
module which operates between 10 mHz and
6 GHz. The amplifier provides 24 dB of gain, +42 dBm
output ip3 and +29 dBm of output power at 1 dB gain
compression while consuming only 740 ma from a
+15V supply. Gain flatness is excellent at ±0.75 dB
from 10 mHz - 6 GHz making the HmC-C075 ideal
for eW, eCm, radar and test equipment applications.
The amplifier i/Os are internally matched to 50 Ohms
and are DC blocked. integrated voltage regulators
allow for flexible biasing of both the negative and
positive supply pins, while internal bias sequencing
circuitry allows robust operation.
Gain: 24 dB
High p1dB Output power: +29.5 dBm
High Output ip3: +42 dBm
excellent Gain flatness: ±0.75 dB
regulated supply and Bias sequencing
field replaceable sma Connectors
Operating Temperature: -40°C to +70°C
typical applications
The HmC-C075 is ideal for:
• Telecom Infrastructure
• Test Instrumentation
• Military & Space
electrical Specifications, t
a = +25° C, -Vdc = -5V, +Vdc = +15V
parameter
min.
Typ.
max.
Units
frequency range
0.01 - 6
GHz
Gain
21
24
dB
Gain flatness
+0.75
dB
Gain Variation Over Temperature
0.044
dB/ °C
input return loss
15
dB
Output return loss
18
dB
Output power for 1 dB Compression (p1dB)
27.5
29.5
dBm
saturated Output power (psat)
30
dBm
Output Third Order intercept (ip3)
42
dBm
Noise figure
5
dB
supply Current (+15V)
740
800
ma
supply Current (-5V)
5
ma


Similar Part No. - HMC-C075

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C075 HITTITE-HMC-C075 Datasheet
257Kb / 6P
   TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075 Datasheet
257Kb / 6P
   TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075_1 Datasheet
257Kb / 6P
   TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
More results

Similar Description - HMC-C075

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C075 HITTITE-HMC-C075_1 Datasheet
257Kb / 6P
   TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075 Datasheet
257Kb / 6P
   TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074 Datasheet
252Kb / 6P
   SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_1 Datasheet
251Kb / 6P
   SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_11 Datasheet
536Kb / 6P
   Single Stage Power Amplifier MODULE , 10 MHz - 6 GHz
logo
TECH PUBLIC Electronics...
LM321MFX TECHPUBLIC-LM321MFX Datasheet
3Mb / 6P
   LOW POW ER SINGLE OPERATIONAL AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-C004 HITTITE-HMC-C004 Datasheet
361Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
295Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
logo
List of Unclassifed Man...
LMG002 ETC2-LMG002 Datasheet
553Kb / 1P
   Two Stage Linear Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com