Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC998 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC998
Description  GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC998 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC998 Datasheet HTML 2Page - Hittite Microwave Corporation HMC998 Datasheet HTML 3Page - Hittite Microwave Corporation HMC998 Datasheet HTML 4Page - Hittite Microwave Corporation HMC998 Datasheet HTML 5Page - Hittite Microwave Corporation HMC998 Datasheet HTML 6Page - Hittite Microwave Corporation HMC998 Datasheet HTML 7Page - Hittite Microwave Corporation HMC998 Datasheet HTML 8Page - Hittite Microwave Corporation HMC998 Datasheet HTML 9Page - Hittite Microwave Corporation HMC998 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
0
0 - 8
HMC998
v00.0611
GaAs PHEMT MMIC
2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
Application Circuit
NOTE 1: Drain Bias (Vdd) must be applied through a broadband bias tee
with low series resistance and capable of providing 800mA
Assembly Diagram


Similar Part No. - HMC998

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC998 HITTITE-HMC998 Datasheet
637Kb / 10P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC998 HITTITE-HMC998 Datasheet
588Kb / 10P
   GaAs pHEMT MMIC
logo
Analog Devices
HMC998A AD-HMC998A Datasheet
1,009Kb / 16P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC998_1108 HITTITE-HMC998_1108 Datasheet
637Kb / 10P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
More results

Similar Description - HMC998

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC998_1108 HITTITE-HMC998_1108 Datasheet
637Kb / 10P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC863LP4E HITTITE-HMC863LP4E_11 Datasheet
961Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC797 HITTITE-HMC797 Datasheet
590Kb / 10P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC797LP5E HITTITE-HMC797LP5E Datasheet
570Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
logo
Analog Devices
HMC797A AD-HMC797A Datasheet
834Kb / 16P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC591 AD-HMC591 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com