Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5211T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MUN5211T1G
Description  Bias Resistor Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5211T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MUN5211T1G Datasheet HTML 3Page - ON Semiconductor MUN5211T1G Datasheet HTML 4Page - ON Semiconductor MUN5211T1G Datasheet HTML 5Page - ON Semiconductor MUN5211T1G Datasheet HTML 6Page - ON Semiconductor MUN5211T1G Datasheet HTML 7Page - ON Semiconductor MUN5211T1G Datasheet HTML 8Page - ON Semiconductor MUN5211T1G Datasheet HTML 9Page - ON Semiconductor MUN5211T1G Datasheet HTML 10Page - ON Semiconductor MUN5211T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MUN5211T1G Series
http://onsemi.com
7
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5212T1G
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
TA =75C
25C
--25C
100
10
1
100
75C
25C
100
0
Vin, INPUT VOLTAGE (VOLTS)
10
1
0.1
0.01
0.001
24
68
10
TA =--25C
0
IC, COLLECTOR CURRENT (mA)
100
TA =--25C
75C
10
1
0.1
10
20
30
40
50
25C
Figure 11. Input Voltage versus Output Current
0.001
TA =--25C
75C
25C
0.01
0.1
1
40
IC, COLLECTOR CURRENT (mA)
0
20
50
50
0
10
203040
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
IC/IB =10
VCE =10 V
f=1MHz
IE =0 V
TA =25C
VO =5 V
VO =0.2 V


Similar Part No. - MUN5211T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5211T1G ONSEMI-MUN5211T1G Datasheet
230Kb / 10P
   NPN SILICON BIAS RESISTOR TRANSISTORS
November, 2004 ??Rev. 6
MUN5211T1G ONSEMI-MUN5211T1G Datasheet
89Kb / 10P
   Bias Resistor Transistor
February, 2006 ??Rev. 7
MUN5211T1G ONSEMI-MUN5211T1G Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
August, 2012 ??Rev. 4
MUN5211T1G ONSEMI-MUN5211T1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
February, 2014 ??Rev. 6
MUN5211T1G ONSEMI-MUN5211T1G Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
More results

Similar Description - MUN5211T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com