Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDV65B Datasheet(PDF) 1 Page - ON Semiconductor

Part # BDV65B
Description  Complementary Silicon Plastic Power Darlingtons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDV65B Datasheet(HTML) 1 Page - ON Semiconductor

  BDV65B_08 Datasheet HTML 1Page - ON Semiconductor BDV65B_08 Datasheet HTML 2Page - ON Semiconductor BDV65B_08 Datasheet HTML 3Page - ON Semiconductor BDV65B_08 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2008
September, 2008 − Rev. 13
1
Publication Order Number:
BDV65B/D
BDV65B(NPN),
BDV64B(PNP)
Complementary Silicon
Plastic Power Darlingtons
. . . for use as output devices in complementary general purpose
amplifier applications.
High DC Current Gain − HFE = 1000 (min.) @ 5 Adc
Monolithic Construction with Built−in Base Emitter Shunt Resistors
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
100
Vdc
Collector−Base Voltage
VCB
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current
− Continuous
− Peak
IC
10
20
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @ TC = 25_C
Derate above 25_C
PD
125
1.0
W
W/_C
Operating and Storage Junction Temperature
Range
TJ, Tstg
–65 to
+150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.0
_C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOT−93
(TO−218)
CASE 340D
10 AMPERE DARLINGTON
COMPLEMENTARY SILICON
POWER TRANSISTORS
60−80−100−120 VOLTS,
125 WATTS
MARKING
DIAGRAM
http://onsemi.com
AYWW
BDV6xBG
A
= Assembly Location
Y
= Year
WW
= Work Week
G= Pb−Free Package
BDV6xB
= Device Code
x = 4 or 5
Device
Package
Shipping
ORDERING INFORMATION
BDV65B
SOT−93
30 Units / Rail
BDV65BG
SOT−93
(Pb−Free)
30 Units / Rail
BDV64B
SOT−93
30 Units / Rail
BDV64BG
SOT−93
(Pb−Free)
30 Units / Rail
COLLECTOR 2,4
BASE
1
EMITTER 3
COLLECTOR 2
BASE
1
EMITTER 3
NPN
PNP
BDV65B
BDV64B
3
2
1


Similar Part No. - BDV65B_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B_06 Datasheet
116Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
March, 2006 ??Rev. 12
More results

Similar Description - BDV65B_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B_06 Datasheet
116Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
March, 2006 ??Rev. 12
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
   Complementary Silicon Plastic Power Darlingtons
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B_12 Datasheet
118Kb / 7P
   Complementary Silicon Plastic Power Darlingtons
May, 2012 ??Rev. 14
logo
Motorola, Inc
MF122 MOTOROLA-MF122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
logo
ON Semiconductor
MJE122 ONSEMI-MJE122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
1995
MJF6388 ONSEMI-MJF6388 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
REV 3
logo
STMicroelectronics
BD335 STMICROELECTRONICS-BD335 Datasheet
321Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ1000 COMSET-MJ1000_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_08 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
logo
Comset Semiconductor
MJ900 COMSET-MJ900_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com