Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH127L125NP-471MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH127L125NP-471MC
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127L125NP-471MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH127L125NP-471MC Datasheet HTML 1Page - Sumida Corporation CDRH127L125NP-471MC Datasheet HTML 2Page - Sumida Corporation CDRH127L125NP-471MC Datasheet HTML 3Page - Sumida Corporation CDRH127L125NP-471MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH127/L125
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.64
0.66
0.83
1495(1196)
1000
±20%
102
CDRH127L125NP-102MC
0.75
0.79
0.98
1102(882)
680
±20%
681
CDRH127L125NP-681MC
0.95
0.96
1.20
731(585)
470
±20%
471
CDRH127L125NP-471MC
1.18
1.12
1.42
478(382)
330
±20%
331
CDRH127L125NP-331MC
1.40
1.50
1.75
347(267)
220
±20%
221
CDRH127L125NP-221MC
1.80
1.70
2.10
236(182)
150
±20%
151
CDRH127L125NP-151MC
2.00
2.10
2.60
171.2(131.7)
100
±20%
101
CDRH127L125NP-101MC
2.60
2.50
3.10
111.5(85.8)
68
±20%
680
CDRH127L125NP-680MC
3.10
3.15
3.90
83.2(64.0)
47
±20%
470
CDRH127L125NP-470MC
3.80
3.40
4.30
53.0(40.8)
33
±20%
330
CDRH127L125NP-330MC
4.60
4.40
5.60
36.7(28.3)
22
±20%
220
CDRH127L125NP-220MC
5.60
5.30
6.40
26.2(20.2)
15
±20%
150
CDRH127L125NP-150MC
6.00
6.60
8.40
23.6(18.2)
10
±20%
100
CDRH127L125NP-100MC
7.00
7.37
9.20
16.3(12.6)
7.5
±30%
7R5
CDRH127L125NP-7R5NC
7.50
8.20
10.20
14.6(11.3)
6.2
±30%
6R2
CDRH127L125NP-6R2NC
7.80
9.85
12.30
13.0(10.0)
4.7
±30%
4R7
CDRH127L125NP-4R7NC
8.30
10.80
13.80
11.0(8.5)
3.6
±30%
3R6
CDRH127L125NP-3R6NC
9.00
13.80
15.50
9.7(7.5)
2.7
±30%
2R7
CDRH127L125NP-2R7NC
at 125
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(A)
※2
D.C.R.(m
Ω)
Max.(Typ.)
(at 20
℃)
Inductance
(
μH) ※1
Stamp
Part Name


Similar Part No. - CDRH127L125NP-471MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH127L125NP-471MC SUMIDA-CDRH127L125NP-471MC Datasheet
276Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH127L125NP-471MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com