Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101KA-SP45XI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B101KA-SP45XI
Description  1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101KA-SP45XI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B101KA-SP45XI Datasheet HTML 1Page - Cypress Semiconductor CY14B101KA-SP45XI Datasheet HTML 2Page - Cypress Semiconductor CY14B101KA-SP45XI Datasheet HTML 3Page - Cypress Semiconductor CY14B101KA-SP45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B101KA-SP45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B101KA-SP45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B101KA-SP45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B101KA-SP45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B101KA-SP45XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CY14B101KA
CY14B101MA
1-Mbit (128 K × 8/64 K × 16) nvSRAM with
Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-42880 Rev. *I
Revised July 22, 2011
1-Mbit (128 K × 8/64 K × 16) nvSRAM with Real Time Clock
Features
1-Mbit nonvolatile static random access memory (nvSRAM)
25 ns and 45 ns access times
Internally organized as 128 K × 8 (CY14B101KA) or
64 K × 16 (CY14B101MA)
Hands off automatic STORE on power-down with only a small
capacitor
STORE to QuantumTrap nonvolatile elements is initiated by
software, hardware, or AutoStore on power-down
RECALL to SRAM initiated on power-up or by software
High reliability
Infinite Read, Write, and RECALL cycles
1 million STORE cycles to QuantumTrap
20 year data retention
Real time clock (RTC)
Full featured real time clock
Watchdog timer
Clock alarm with programmable interrupts
Capacitor or battery backup for RTC
Backup current of 0.35 µA (Typ)
Industry standard configurations
Single 3 V +20%, –10% operation
Industrial temperature
Packages
44-/54-pin thin small outline package (TSOP) Type II
48-pin shrink small outline package (SSOP)
Pb-free and restriction of hazardous substances (RoHS)
compliant
Functional Description
The Cypress CY14B101KA/CY14B101MA combines a 1-Mbit
nvSRAM with a full featured real time clock in a monolithic
integrated circuit. The embedded nonvolatile elements
incorporate QuantumTrap technology producing the world’s
most reliable nonvolatile memory. The SRAM is read and written
an infinite number of times, while independent nonvolatile data
resides in the nonvolatile elements.
The real time clock function provides an accurate clock with leap
year tracking and a programmable, high accuracy oscillator. The
alarm function is programmable for periodic minutes, hours,
days, or months alarms. There is also a programmable watchdog
timer for process control.
STATIC RAM
ARRAY
1024 X 1024
R
O
W
D
E
C
O
D
E
R
COLUMN I/O
COLUMN DEC
I
N
P
U
T
B
U
F
F
E
R
S
POWER
CONTROL
STORE/RECALL
CONTROL
Quatrum
Trap
1024 X 1024
STORE
RECALL
V
CC
V
CA
P
HSB
A
0 A1
A
2 A3 A4 A10 A11
SOFTWARE
DETECT
A
14 - A2
OE
CE
WE
BHE
BLE
A
5
A
6
A
7
A
8
A
9
A
12
A
13
A
14
A
15
A
16
DQ
0
DQ
1
DQ
2
DQ
3
DQ
4
DQ
5
DQ
6
DQ
7
DQ
8
DQ
9
DQ
10
DQ
11
DQ
12
DQ
13
DQ
14
DQ
15
RTC
MUX
A
16- A0
X
out
X
in
INT
V
RTCbat
V
RTCcap
Logic Block Diagram[1, 2, 3]
Notes
1. Address A0–A16 for × 8 configuration and Address A0–A15 for × 16 configuration.
2. Data DQ0–DQ7 for × 8 configuration and Data DQ0–DQ15 for × 16 configuration.
3. BHE and BLE are applicable for × 16 configuration only.
[+] Feedback


Similar Part No. - CY14B101KA-SP45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101KA-SP45XI CYPRESS-CY14B101KA-SP45XI Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA-SP45XI CYPRESS-CY14B101KA-SP45XI Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B101KA-SP45XIT CYPRESS-CY14B101KA-SP45XIT Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA-SP45XIT CYPRESS-CY14B101KA-SP45XIT Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101KA-SP45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com