Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C28413 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C28413
Description  PSoC Programmable System-on-Chip
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C28413 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C28413 Datasheet HTML 1Page - Cypress Semiconductor CY8C28413 Datasheet HTML 2Page - Cypress Semiconductor CY8C28413 Datasheet HTML 3Page - Cypress Semiconductor CY8C28413 Datasheet HTML 4Page - Cypress Semiconductor CY8C28413 Datasheet HTML 5Page - Cypress Semiconductor CY8C28413 Datasheet HTML 6Page - Cypress Semiconductor CY8C28413 Datasheet HTML 7Page - Cypress Semiconductor CY8C28413 Datasheet HTML 8Page - Cypress Semiconductor CY8C28413 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
CY8C28243, CY8C28403, CY8C28413
CY8C28433, CY8C28445, CY8C28452
CY8C28513, CY8C28533, CY8C28545
CY8C28623, CY8C28643, CY8C28645
Document Number: 001-48111 Rev. *I
Page 4 of 78
The Analog System
The Analog System is composed of up to 16 configurable analog
blocks, each containing an opamp circuit that allows the creation
of complex analog signal flows. Some devices in this PSoC
family have an analog multiplex bus that can connect to every
GPIO pin. This bus can also connect to the analog system for
analysis with comparators and analog-to-digital converters. It
can be split into two sections for simultaneous dual-channel
processing.
Some of the more common PSoC analog functions (most
available as user modules) are:
Analog-to-digital converters (6 to 14-bit resolution, up to 4,
selectable as Incremental or Delta Sigma)
Dedicated 10-bit SAR ADC with sample rates up to 142 ksps
Synchronized, simultaneous Delta Sigma ADCs (up to 4)
Filters (2 to 8 pole band-pass, low pass, and notch)
Amplifiers (up to 4, with selectable gain to 48x)
Instrumentation amplifiers (up to 2, with selectable gain to 93x)
Comparators (up to 6, with 16 selectable thresholds)
DACs (up to 4, with 6 to 9-bit resolution)
Multiplying DACs (up to 4, with 6 to 9-bit resolution)
High current output drivers (up to 4 with 30 mA drive)
1.3 V reference (as a System Resource)
DTMF Dialer
Modulators
Correlators
Peak detectors
Many other topologies possible
Figure 2. Analog System Block Diagram for CY8C28x45 and
CY8C28x52 Devices
ACC00
ACC01
Block Array
Array Input Configuration
ACI1[1:0]
ACI2[1:0]
ACC02
ACC03
ASC12
ASD13
ASD22
ASC23
ASD20
ACI0[1:0]
ACI3[1:0]
P0[6]
P0[4]
P0[2]
P0[0]
P2[2]
P2[0]
P2[6]
P2[4]
P0[7]
P0[5]
P0[3]
P0[1]
P2[3]
P2[1]
Reference
Generators
AGNDIn
RefIn
Bandgap
RefHi
RefLo
AGND
ASD11
ASC21
ASC10
Interface to
Digital System
M8C Interface (Address Bus, Data Bus, Etc.)
Analog Reference
ACE00
ACE01
ASE10
ASE11
All GPIO
ACI4[1:0]
ACI5[1:0]


Similar Part No. - CY8C28413

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C28413 CYPRESS-CY8C28413 Datasheet
2Mb / 63P
   PSoC Programmable System-on-Chip
CY8C28413 CYPRESS-CY8C28413 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C28413 CYPRESS-CY8C28413 Datasheet
2Mb / 65P
   PSoC짰 Programmable System-on-Chip
CY8C28413-24PVXI CYPRESS-CY8C28413-24PVXI Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
CY8C28413-24PVXI CYPRESS-CY8C28413-24PVXI Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C28413

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com