Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C28623 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C28623
Description  PSoC Programmable System-on-Chip
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C28623 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C28623 Datasheet HTML 3Page - Cypress Semiconductor CY8C28623 Datasheet HTML 4Page - Cypress Semiconductor CY8C28623 Datasheet HTML 5Page - Cypress Semiconductor CY8C28623 Datasheet HTML 6Page - Cypress Semiconductor CY8C28623 Datasheet HTML 7Page - Cypress Semiconductor CY8C28623 Datasheet HTML 8Page - Cypress Semiconductor CY8C28623 Datasheet HTML 9Page - Cypress Semiconductor CY8C28623 Datasheet HTML 10Page - Cypress Semiconductor CY8C28623 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
CY8C28243, CY8C28403, CY8C28413
CY8C28433, CY8C28445, CY8C28452
CY8C28513, CY8C28533, CY8C28545
CY8C28623, CY8C28643, CY8C28645
Document Number: 001-48111 Rev. *I
Page 7 of 78
System Resources
System Resources, some of which are listed in the previous
sections, provide additional capability useful to complete
systems. Additional resources include a multiplier, multiple
decimators, switch mode pump, low voltage detection, and
power on reset. Statements describing the merits of each system
resource follow:
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks can be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
Multiply accumulate (MAC) provides fast 8-bit multiplier with
32-bit accumulate, to assist in general math and digital filters.
Up to four decimators provide custom hardware filters for digital
signal processing applications such as Delta-Sigma ADCs and
CapSense capacitive sensor measurement.
Up to two I
2C resources provide 0 to 400 kHz communication
over two wires. Slave, master, and multi-master modes are all
supported. I2C resources have hardware address detection
capability.
Low Voltage Detection (LVD) interrupts can signal the appli-
cation of falling voltage levels, while the advanced POR (Power
On Reset) circuit eliminates the need for a system supervisor.
An internal 1.3 V reference provides an absolute reference for
the analog system, including ADCs and DACs.
An integrated switch mode pump (SMP) generates normal
operating voltages from a single 1.5 V battery cell, providing a
low cost boost converter.
PSoC Device Characteristics
Depending on your PSoC device characteristics, the digital and analog systems can have 16, 8, or 4 digital blocks, and 12, 6, or 4
analog blocks. Table 1 on page 7 lists the resources available for specific PSoC device groups. The PSoC device covered by this
datasheet is highlighted in this table.
Table 1. PSoC Device Characteristics
PSoC Part
Number
Digital
I/O
Digital
Rows
Digital
Blocks
Analog
Inputs
Analog
Outputs
Analog
Columns
Analog
Blocks
SRAM
Size
Flash
Size
CY8C29x66
up to 64
4
16
up to 12
4
4
12
2 K
32 K
CY8C28xxx
up to 44
up to 3
up to 12
up to 44
up to 4
up to 6
up to
12 + 4[2]
1 K
16 K
CY8C27x43
up to 44
2
8
up to 12
4
4
12
256
16 K
CY8C24x94
up to 56
1
4
up to 48
2
2
6
1 K
16 K
CY8C24x23A
up to 24
1
4
up to 12
2
2
6
256
4 K
CY8C23x33
up to 26
1
4
up to 12
2
2
4
256
8 K
CY8C22x45
up to 38
2
8
up to 38
0
4
6[2]
1 K
16 K
CY8C21x45
up to 24
1
4
up to 24
0
4
6[2]
512
8 K
CY8C21x34
up to 28
1
4
up to 28
0
2
4[2]
512
8 K
CY8C21x23
up to 16
1
4
up to 8
0
2
4[2]
256
4 K
CY8C20x34
up to 28
0
0
up to 28
0
0
3[2,3]
512
8 K
CY8C20xx6
up to 36
0
0
up to 36
0
0
3[2,3]
up to
2 K
up to
32 K
Notes
2. Limited analog functionality.
3. Two analog blocks and one CapSense®.


Similar Part No. - CY8C28623

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C28623 CYPRESS-CY8C28623 Datasheet
2Mb / 63P
   PSoC Programmable System-on-Chip
CY8C28623 CYPRESS-CY8C28623 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C28623 CYPRESS-CY8C28623 Datasheet
2Mb / 65P
   PSoC짰 Programmable System-on-Chip
CY8C28623-24LTXI CYPRESS-CY8C28623-24LTXI Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
CY8C28623-24LTXI CYPRESS-CY8C28623-24LTXI Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C28623

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com