Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C28513 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C28513
Description  PSoC Programmable System-on-Chip
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C28513 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C28513 Datasheet HTML 1Page - Cypress Semiconductor CY8C28513 Datasheet HTML 2Page - Cypress Semiconductor CY8C28513 Datasheet HTML 3Page - Cypress Semiconductor CY8C28513 Datasheet HTML 4Page - Cypress Semiconductor CY8C28513 Datasheet HTML 5Page - Cypress Semiconductor CY8C28513 Datasheet HTML 6Page - Cypress Semiconductor CY8C28513 Datasheet HTML 7Page - Cypress Semiconductor CY8C28513 Datasheet HTML 8Page - Cypress Semiconductor CY8C28513 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
CY8C28243, CY8C28403, CY8C28413
CY8C28433, CY8C28445, CY8C28452
CY8C28513, CY8C28533, CY8C28545
CY8C28623, CY8C28643, CY8C28645
PSoC® Programmable System-on-Chip™
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-48111 Rev. *I
Revised July 8, 2011
Features
Varied resource options within one PSoC
® device group
Powerful Harvard-architecture processor
M8C processor speeds up to 24 MHz
8 × 8 Multiply, 32-bit accumulate
Low power at high speed
Operating voltage: 3.0 V to 5.25 V
Operating voltages down to 1.5 V Using on-chip switched
mode pump (SMP)
Industrial temperature range: –40 °C to +85 °C
Advanced reconfigurable peripherals (PSoC Blocks)
Up to 12 rail-to-rail analog PSoC blocks provide:
• Up to 14-bit ADCs
• Up to 9-bit DACs
• Programmable gain amplifiers
• Programmable filters and comparators
• Multiple ADC configurations
• Dedicated SAR ADC, up to 142 ksps with sample and hold
• Up to 4 synchronized or independent delta-sigma ADCs for
advanced applications
Up to 4 limited type E analog blocks provide:
• Dual channel capacitive sensing capability
• Comparators with programmable DAC reference
• Up to 10-bit single-slope ADCs
Up to 12 digital PSoC blocks provide:
• 8 to 32-bit timers, counters, and PWMs
• Shift register, CRC, and PRS modules
• Up to 3 full-duplex UARTs
• Up to 6 half-duplex UARTs
• Multiple variable data length SPI
™ masters or slaves
• Connectable to all GPIOs
Complex peripherals by combining blocks
Precision, programmable clocking
Internal ±2.5% 24/48 MHz main oscillator
Optional 32.768 kHz crystal for precise on-chip clocks
Optional external oscillator, up to 24 MHz
Internal low speed, low power oscillator for watchdog and
sleep functionality
Flexible on-chip memory
16 KB flash program storage 50,000 erase/write cycles
1-KB SRAM data storage
In-system serial programming (ISSP™)
Partial flash updates
Flexible protection modes
EEPROM emulation in flash
Programmable Pin configurations
25 mA sink, 10 mA drive on all GPIOs
Pull-up, pull-down, high Z, strong, or open-drain drive modes
on all GPIOs
Analog input on all GPIOs
30 mA analog outputs on GPIOs
Configurable interrupt on all GPIOs
Additional system resources
Up to two hardware I
2C resources
• Each resource implements slave, master, or multi-master
modes
• Operation between 0 and 400 kHz
Watchdog and Sleep timers
User-configurable low voltage detection
Flexible internal voltage references
Integrated supervisory circuit
On-chip precision voltage reference
Complete development tools
Free development software (PSoC Designer™)
Full featured in-circuit emulator, and programmer
Full speed emulation
Flexible and functional breakpoint structure
128 KB trace memory
DIGITAL SYSTEM
SRAM
1K
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
(Includes IMO, ILO, PLL, and ECO)
Global Digital Interconnect
Global Analog Interconnect
PSoC
CORE
CPU Core (M8C)
SROM
Flash 16K
Digital
Block
Array
2
MACs
Switch
Mode
Pump
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
4 Type 2
Decimators
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref.
Analog
Input
Muxing
2 I
2C
Blocks
Port 4
Port 3
Port 2
Port 1
Port 0
Analog
Drivers
System Bus
Analog
Block
Array
Port 5
Logic Block Diagram


Similar Part No. - CY8C28513

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C28513 CYPRESS-CY8C28513 Datasheet
2Mb / 63P
   PSoC Programmable System-on-Chip
CY8C28513 CYPRESS-CY8C28513 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C28513 CYPRESS-CY8C28513 Datasheet
2Mb / 65P
   PSoC짰 Programmable System-on-Chip
CY8C28513-24AXI CYPRESS-CY8C28513-24AXI Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
CY8C28513-24AXI CYPRESS-CY8C28513-24AXI Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C28513

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com