Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17044G+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17044G+T
Description  Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17044G+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17044G+T Datasheet HTML 1Page - Maxim Integrated Products MAX17044G+T Datasheet HTML 2Page - Maxim Integrated Products MAX17044G+T Datasheet HTML 3Page - Maxim Integrated Products MAX17044G+T Datasheet HTML 4Page - Maxim Integrated Products MAX17044G+T Datasheet HTML 5Page - Maxim Integrated Products MAX17044G+T Datasheet HTML 6Page - Maxim Integrated Products MAX17044G+T Datasheet HTML 7Page - Maxim Integrated Products MAX17044G+T Datasheet HTML 8Page - Maxim Integrated Products MAX17044G+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Compact, Low-Cost 1S/2S Fuel Gauges
with Low-Battery Alert
_______________________________________________________________________________________
5
TOP VIEW
(BUMPS ON BOTTOM)
SDA
SCL
CTG
QSTRT
N.C.
CELL
ALRT
VDD
GND
+
UCSP
12
3
B
C
A
MAX17043
MAX17044
1
+
34
86
5
SDA
QSTRT ALRT
2
7
SCL
CTG
VDD GND
CELL
TDFN
(2mm
× 3mm)
TOP VIEW
MAX17043
MAX17044
Pin Configurations
Pin Description
PIN
NAME
FUNCTION
UCSP
TDFN
A1
8
SDA
Serial Data Input/Output. Open-drain 2-wire data line. Connect this pin to the DATA signal of the 2-
wire interface. This pin has a 0.2µA typical pulldown to sense disconnection.
A2
7
SCL
Serial Clock Input. Input only 2-wire clock line. Connect this pin to the CLOCK signal of the 2-wire
interface. This pin has a 0.2µA typical pulldown to sense disconnection.
A3
1
CTG
Connect to Ground. Connect to VSS during normal operation.
B1
6
QSTRT
Quick-Start Input. Allows reset of the device through hardware. Connect to GND if not used.
B2
N.C.
No connect. Do not connect.
B3
2
CELL
Battery Voltage Input. The voltage of the cell pack is measured through this pin.
C1
5
ALRT
Alert Output. Active-low interrupt signaling low state of charge. Connect to interrupt input of the
system microprocessor.
C2
3
VDD
Power-Supply Input. 2.5V to 4.5V input range. Connect to system power through a decoupling
network. Connect a 10nF typical decoupling capacitor close to pin.
C3
4
GND
Ground. Connect to the negative power rail of the system.
EP
Exposed Pad (TDFN only). Connect to ground.


Similar Part No. - MAX17044G+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17044G+T MAXIM-MAX17044G+T Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17044G+T MAXIM-MAX17044G+T Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17044G+T MAXIM-MAX17044G+T Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
More results

Similar Description - MAX17044G+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_12 Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17040 MAXIM-MAX17040 Datasheet
349Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
19-5210; Rev 3; 4/10
MAX17040 MAXIM-MAX17040_11 Datasheet
457Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
logo
STI Vibration Monitorin...
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
   Low-Cost Compact Accelerometer with M8 Connector
CMCP1100 STI-CMCP1100 Datasheet
594Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com