Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC941LP4E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC941LP4E
Description  0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC941LP4E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC941LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC941LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC941LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC941LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC941LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC941LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC941LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC941LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1
1 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Control Voltage
Bias Voltages & Currents
Absolute Maximum Ratings
state
Bias Condition
low
0 to 0.8V @ 1 µA
high
2 to 5V @ 1 µA
Vdd
+5V @ 4.5 mA
Vss
-5V @ 5 mA
rF input power (0.1 to 33.0 ghz)
+27 dBm
Control Voltage (p0 to p4)
Vdd + 0.5V
Vdd
+7 Vdc
Vss
-7 Vdc
Channel temperature
150 °C
Continuous pdiss (t = 85 oC)
(derate 6.8 mW/oC above 85 oC)
0.445 W
thermal resistance
146 °C/W
storage temperature
-65 to + 150 °C
operating temperature
-40 to +85 °C
esD sensitivity (hBM)
Class 1A
eleCtrostAtiC sensitiVe DeViCe
oBserVe hAnDling preCAutions
HMC941LP4 / HMC941LP4E
v00.0910
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 33 GHz
Outline Drawing
notes:
1. leADFrAMe MAteriAl: Copper AlloY
2. DiMensions Are in inChes [MilliMeters]
3. leAD spACing tolerAnCe is non-CuMulAtiVe.
4. pAD Burr length shAll Be 0.15mm MAXiMuM.
pAD Burr height shAll Be 0.05mm MAXiMuM.
5. pACKAge WArp shAll not eXCeeD 0.05mm.
6. All grounD leADs AnD grounD pADDle Must Be
solDereD to pCB rF grounD.
7. reFer to hittite AppliCAtion note For suggesteD
lAnD pAttern.
part number
package Body Material
lead Finish
Msl rating
package Marking [3]
hMC941lp4
low stress injection Molded plastic
sn/pb solder
Msl1
[1]
h941
XXXX
hMC941lp4e
rohs-compliant low stress injection Molded plastic
100% matte sn
Msl1
[2]
h941
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information


Similar Part No. - HMC941LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC941LP4E HITTITE-HMC941LP4E Datasheet
904Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
More results

Similar Description - HMC941LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC941ALP4 AD-HMC941ALP4 Datasheet
2Mb / 4P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
HMC939ALP4 AD-HMC939ALP4 Datasheet
2Mb / 4P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
logo
Hittite Microwave Corpo...
HMC941 HITTITE-HMC941 Datasheet
659Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
logo
Analog Devices
HMC1019ALP4E AD-HMC1019ALP4E Datasheet
2Mb / 5P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
HMC941A AD-HMC941A Datasheet
417Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
HMC1018ALP4E AD-HMC1018ALP4E Datasheet
2Mb / 5P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
logo
Hittite Microwave Corpo...
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_08 Datasheet
235Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306AMS10 HITTITE-HMC306AMS10 Datasheet
733Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com