Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX98308EWC+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX98308EWC+
Description  3.3W Mono Class DG Multilevel Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98308EWC+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX98308EWC+ Datasheet HTML 1Page - Maxim Integrated Products MAX98308EWC+ Datasheet HTML 2Page - Maxim Integrated Products MAX98308EWC+ Datasheet HTML 3Page - Maxim Integrated Products MAX98308EWC+ Datasheet HTML 4Page - Maxim Integrated Products MAX98308EWC+ Datasheet HTML 5Page - Maxim Integrated Products MAX98308EWC+ Datasheet HTML 6Page - Maxim Integrated Products MAX98308EWC+ Datasheet HTML 7Page - Maxim Integrated Products MAX98308EWC+ Datasheet HTML 8Page - Maxim Integrated Products MAX98308EWC+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX98307/MAX98308
3.3W Mono Class DG Multilevel Audio Amplifier
Note 2: 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 3: Testing performed with a resistive load in series with an inductor to simulate an actual speaker. For RL = 8I, L = 68FH.
Note 4: Amplifier inputs AC-coupled to GND.
Note 5: Specified at room temperature with an 8I resistive load in series with a 68FH inductive load connected across the BTL
outputs. Mode transitions controlled by SHDN active-low shutdown control.
ELECTRICAL CHARACTERISTICS (continued)
VPVDD = VCC = VSHDN = 3.6V, VPGND = VGND = 0V, ZL = 8I + 68FH between OUT+ and OUT-, (MAX98307 RIN+ = RIN- = 10kI,
RFB+ = RFB- = 20kI), CIN+ = CIN- = 0.33FF, AV = 14.5dB, AC measurement bandwidth 20Hz to 20kHz, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25NC.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode Rejection Ratio
(MAX98308)
CMRR
fIN = 1kHz
65
dB
Output Power
POUT
fIN = 1kHz,
THD+N = 1%
ZL = 8I + 68mH,
VPVDD = 3.6V
1.54
W
ZL = 8I + 68mH,
VPVDD = 4.2V
2
ZL = 8I + 68mH,
VPVDD = 5.0V
2.85
fIN = 1kHz,
THD+N = 10%
ZL = 8I + 68mH,
VPVDD = 3.6V
1.77
W
ZL = 8I + 68mH,
VPVDD = 4.2V
2.3
ZL = 8I + 68mH,
VPVDD = 5.0V
3.3
Total Harmonic Distortion Plus
Noise
THD+N
fIN = 1kHz, POUT = 1W
0.05
%
Output Offset Voltage
VOS
TA = +25°C
±1
±5
mV
Click-and-Pop Level
KCP
Peak voltage,
A-weighted,
32 samples per
second (Notes 4, 5)
Into shutdown
-65
dBV
Out of shutdown
-65
Output Switching Frequency
340
kHz
Efficiency
η
fIN = 1kHz, POUT at 500mW,
THD+N = 0.02%
84
%
fIN = 1kHz, POUT at 1W, THD+N = 0.05%
82
Current Limit
ILIM
2
ARMS
Output Noise
VN
A-weighted
52
µVRMS
LOGIC INPUT (SHDN)
Input Voltage High
VIH
1.4
V
Input Voltage Low
VIL
0.4
V
Input Leakage Current
TA = +25NC
±10
µA


Similar Part No. - MAX98308EWC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98308EWC++ MAXIM-MAX98308EWC+ Datasheet
3Mb / 21P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 4; 3/12
MAX98308EWC++ MAXIM-MAX98308EWC+ Datasheet
1Mb / 19P
   3.3W Mono Class DG Multilevel Audio Amplifier
2020
More results

Similar Description - MAX98308EWC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98307 MAXIM-MAX98307_12 Datasheet
3Mb / 21P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 4; 3/12
MAX98307_1109 MAXIM-MAX98307_1109 Datasheet
3Mb / 21P
   3.3W Mono Class DG Multilevel Audio Amplifier
Rev 2; 9/11
MAX98307 MAXIM-MAX98307_V01 Datasheet
1Mb / 19P
   3.3W Mono Class DG Multilevel Audio Amplifier
2020
MAX98307 MAXIM-MAX98307 Datasheet
3Mb / 20P
   3.3W Mono Class DG Multilevel Audio Amplifier Excellent RF Immunity
Rev 0; 6/11
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Lyontek Inc.
LY8261 LYONTEK-LY8261_12 Datasheet
880Kb / 18P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com