Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17043X+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17043X+
Description  Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17043X+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17043X+ Datasheet HTML 1Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 2Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 3Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 4Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 5Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 6Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 7Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 8Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX17043/MAX17044 are ultra-compact, low-cost,
host-side fuel-gauge systems for lithium-ion (Li+) batter-
ies in handheld and portable equipment. The MAX17043
is configured to operate with a single lithium cell and the
MAX17044 is configured for a dual-cell 2S pack.
The MAX17043/MAX17044 use a sophisticated Li+ bat-
tery-modeling scheme, called ModelGauge™ to track
the battery’s relative state-of-charge (SOC) continuously
over a widely varying charge/discharge profile. Unlike
traditional fuel gauges, the ModelGauge algorithm elim-
inates the need for battery relearn cycles and an exter-
nal current-sense resistor. Temperature compensation
is possible in the application with minimal interaction
between a µC and the device.
A quick-start mode provides a good initial estimate of
the battery’s SOC. This feature allows the IC to be
located on system side, reducing cost and supply
chain constraints on the battery. Measurement and esti-
mated capacity data sets are accessed through an I2C
interface. The MAX17043/MAX17044 are available in
either a 0.4mm pitch 9-bump UCSP™ or 2mm x 3mm,
8-pin TDFN lead-free package.
Applications
Features
♦ Host-Side or Battery-Side Fuel Gauging
1 Cell (MAX17043)
2 Cell (MAX17044)
♦ Precision Voltage Measurement
±12.5mV Accuracy to 5.00V (MAX17043)
±30mV Accuracy to 10.00V (MAX17044)
♦ Accurate Relative Capacity (RSOC) Calculated
from ModelGauge Algorithm
♦ No Offset Accumulation on Measurement
♦ No Full-to-Empty Battery Relearning Necessary
♦ No Sense Resistor Required
♦ External Alarm/Interrupt for Low-Battery Warning
♦ 2-Wire Interface
♦ Low Power Consumption
♦ Tiny, Lead(Pb)-Free, 8-Pin, 2mm x 3mm TDFN
Package or Tiny 0.4mm Pitch 9-Bump UCSP
Package
Compact, Low-Cost 1S/2S Fuel Gauges
with Low-Battery Alert
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
Li+
PROTECTION
CIRCUIT
MAX17043
MAX17044
CELL
1
μF
1k
Ω
10nF
150
Ω
GND
EP
CTG
SCL
SDA
QSTRT
VDD
ALRT
SYSTEM
μP
I2C BUS
MASTER
INTERRUPT
4.7k
Ω
Simplified Operating Circuit
19-4811; Rev 4; 8/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX17043G+U
-20°C to +70°C
8 TDFN-EP*
MAX17043G+T
-20°C to +70°C
8 TDFN-EP*
MAX17043X+
-20°C to +70°C
9 UCSP
MAX17043X+T10
-20°C to +70°C
9 UCSP
MAX17044G+U
-20°C to +70°C
8 TDFN-EP*
MAX17044G+T
-20°C to +70°C
8 TDFN-EP*
MAX17044X+
-20°C to +70°C
9 UCSP
MAX17044X+T10
-20°C to +70°C
9 UCSP
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
*
EP = Exposed pad.
Smartphones
MP3 Players
Digital Still Cameras
Digital Video Cameras
Portable DVD Players
GPS Systems
Handheld and Portable
Applications
ModelGauge is a trademark of Maxim Integrated Products, Inc.
UCSP is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX17043X+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043X++ MAXIM-MAX17043X+ Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17043X++ MAXIM-MAX17043X+ Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17043X+T10 MAXIM-MAX17043X+T10 Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17043X+T10 MAXIM-MAX17043X+T10 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
More results

Similar Description - MAX17043X+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_12 Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17040 MAXIM-MAX17040 Datasheet
349Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
19-5210; Rev 3; 4/10
MAX17040 MAXIM-MAX17040_11 Datasheet
457Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
logo
STI Vibration Monitorin...
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
   Low-Cost Compact Accelerometer with M8 Connector
CMCP1100 STI-CMCP1100 Datasheet
594Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com