Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11102ATB+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX11102ATB+
Description  2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11102ATB+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX11102ATB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11102ATB+ Datasheet HTML 9Page - Maxim Integrated Products MAX11102ATB+ Datasheet HTML 10Page - Maxim Integrated Products MAX11102ATB+ Datasheet HTML 11Page - Maxim Integrated Products MAX11102ATB+ Datasheet HTML 12Page - Maxim Integrated Products MAX11102ATB+ Datasheet HTML 13Page - Maxim Integrated Products MAX11102ATB+ Datasheet HTML 14Page - Maxim Integrated Products MAX11102ATB+ Datasheet HTML 15Page - Maxim Integrated Products MAX11102ATB+ Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12 _____________________________________________________________________________________
2Msps/3Msps, Low-Power,
Serial 12-/10-/8-Bit ADCs
ELECTRICAL CHARACTERISTICS (MAX11111) (continued)
(VDD = 2.2V to 3.6V, VREF = VDD, VOVDD = VDD, fSCLK = 48MHz, 50% duty cycle, 3Msps, CDOUT = 10pF, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK, CS)
Digital Input High Voltage
VIH
0.75 x
VOVDD
V
Digital Input Low Voltage
VIL
0.25 x
VOVDD
V
Digital Input Hysteresis
VHYST
0.15 x
VOVDD
V
Digital Input Leakage Current
IIL
Inputs at GND or VDD
0.001
Q
1
F
A
Digital Input Capacitance
CIN
2
pF
DIGITAL OUTPUT (DOUT)
Output High Voltage
VOH
ISOURCE = 200µA (Note 2)
0.85 x
VOVDD
V
Output Low Voltage
VOL
ISINK = 200µA (Note 2)
0.15 x
VOVDD
V
High-Impedance Leakage
Current
IOL
Q
1.0
F
A
High-Impedance Output
Capacitance
COUT
4
pF
POWER SUPPLY
Positive Supply Voltage
VDD
2.2
3.6
V
Digital I/O Supply Voltage
VOVDD
1.5
VDD
V
Positive Supply Current
(Full-Power Mode)
IVDD
VAIN_ = VGND
3.3
mA
IOVDD
VAIN_ = VGND
0.33
Positive Supply Current
(Full-Power Mode), No Clock
IVDD
1.98
mA
Power-Down Current
IPD
Leakage only
1.3
10
F
A
Line Rejection
VDD = +2.2V to +3.6V, VREF = 2.2V
0.17
LSB/V
TIMING CHARACTERISTICS (Note 1)
Quiet Time
tQ
(Note 2)
4
ns
CS Pulse Width
t1
(Note 2)
10
ns
CS Fall to SCLK Setup
t2
(Note 2)
5
ns
CS Falling Until DOUT High-
Impedance Disabled
t3
(Note 2)
1
ns
Data Access Time After SCLK
Falling Edge (Figure 2)
t4
VOVDD = 2.2V - 3.6V
15
ns
VOVDD = 1.5V - 2.2V
16.5
SCLK Pulse Width Low
t5
Percentage of clock period (Note 2)
40
60
%
SCLK Pulse Width High
t6
Percentage of clock period (Note 2)
40
60
%
Data Hold Time From SCLK
Falling Edge
t7
Figure 3
5
ns
SCLK Falling Until DOUT High-
Impedance
t8
Figure 4 (Note 2)
2.5
14
ns
Power-Up Time
Conversion cycle (Note 2)
1
Cycle


Similar Part No. - MAX11102ATB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102ATB++ MAXIM-MAX11102ATB+ Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
More results

Similar Description - MAX11102ATB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102 MAXIM-MAX11102 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11102 MAXIM-MAX11102_11 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com