Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5949BESA+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5949BESA+
Description  -48V Hot-Swap Controllers with External RSENSE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5949BESA+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5949BESA+ Datasheet HTML 1Page - Maxim Integrated Products MAX5949BESA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5949BESA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5949BESA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5949BESA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5949BESA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5949BESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5949BESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5949BESA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
-48V Hot-Swap Controllers
with External RSENSE
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VEE = 0V, VDD = 48V, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Notes 2, 5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages are referenced to VEE, unless otherwise noted.)
Supply Voltage (VDD - VEE ) .................................-0.3V to +100V
PWRGD, PWRGD .................................................-0.3V to +100V
DRAIN (Note 1)........................................................-2V to +100V
PWRGD to DRAIN .............................................… -0.3V to +95V
PWRGD to VDD........................................................-95V to +85V
SENSE (Internally Clamped) .................................-0.3V to +1.0V
GATE (Internally Clamped) ....................................-0.3V to +18V
UV and OV..............................................................-0.3V to +60V
Current Through SENSE ...................................................±40mA
Current into GATE...........................................................±300mA
Current into DRAIN .........................................-100mA to +20mA
Current into Any Other Pin................................................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Operating Input Voltage Range
VDD
20
80
V
Supply Current
IDD
(Note 3)
0.7
2
mA
GATE DRIVE AND CLAMPING CIRCUITS
GATE Pin Pullup Current
IPU
Gate drive on, VGATE = VEE
-30
-45
-60
µA
GATE Pin Pulldown Current
IPD
Gate drive off, VGATE = 2V, TA = +25°C
24
50
70
mA
External Gate Drive
∆VGATE
VGATE - VEE, 20V
≤ VDD ≤ 80V
10
13.5
18
V
GATE to VEE Clamp Voltage
VGSCLMP
VGATE - VEE, IGS = 30mA
15
16.4
18
V
CIRCUIT BREAKER
Current-Limit Trip Voltage
VCL
VCL = VSENSE - VEE
40
50
60
mV
SENSE Input Bias Current
ISENSE
VSENSE = 50mV
0
-0.2
-2
µA
UNDERVOLTAGE LOCKOUT
Internal Undervoltage-Lockout
Voltage High
VUVLOH
VDD increasing
13.8
15.4
17.0
V
Internal Undervoltage-Lockout
Voltage Low
VUVLOL
VDD decreasing
11.8
13.4
15.0
V
UV PIN
UV High Threshold
VUVH
UV voltage increasing
1.240
1.255
1.270
V
UV Low Threshold
VUVL
UV voltage decreasing
1.105
1.125
1.145
V
UV Hysteresis
VUVHY
130
mV
UV Input Bias Current
IINUV
VUV = VEE
0-0.5
µA
OV PIN
OV High Threshold
VOVH
OV voltage increasing
1.235
1.255
1.275
V
OV Low Threshold
VOVL
OV voltage decreasing
1.210
1.235
1.255
V
OV Hysteresis
VOVHY
20
mV
OV Input Bias Current
IINOV
VOV = VEE
0-0.5
µA
Note 1:
Test condition per Figure 1. DRAIN current must be limited to the specified 100mA maximum.


Similar Part No. - MAX5949BESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949BESA MAXIM-MAX5949BESA Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
More results

Similar Description - MAX5949BESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5936 MAXIM-MAX5936 Datasheet
343Kb / 23P
   -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Rev 1; 1/05
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com