Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME16-LV-NW-SP Datasheet(PDF) 1 Page - Dialight Corporation

Part # ME16-LV-NW-SP
Description  CIRCULAR LED MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

ME16-LV-NW-SP Datasheet(HTML) 1 Page - Dialight Corporation

  ME16-LV-NW-SP Datasheet HTML 1Page - Dialight Corporation ME16-LV-NW-SP Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
p Utilizes 4 premium flux LUXEON® Rebel™ LEDs,
100+ lumens for cool white, 100+ lumens for
neutral white and 50+ lumens for warm white
p ETL recognized to UL standards (pending)
p Available in choice of colours & colour
temperatures
p Quick connect terminal blocks for easy installation
p >70% lumen maintenance @ 50,000 hours at
max operating temperature. Better at lower
operating temps!
PW SERIES
CIRCULAR LED MODULES
MR16/MR16-LV
APPLICATION
ORDERING INFORMATION
SP = 7 degree spot
WD = 13 degree wide
All angles are half divergence
(BB) Optic
p Architectural lighting
p Machine vision
p Display cases
MR16-
LV-AA-BB
(LV) Options
MATERIALS / FINISH
p Connection - Cage Clamp Connectors
p Optics - Dialight Optics
p Lens Cover - Polycarbonate 143R
p Rear Cover - Polycarbonate 143R
p Heatsink - ADC10 Aluminum Alloy, Black Anodised Finish
Diameter x H
49.75mm x 52.25mm (1.959” x 2.06”)
Maximum Cable Dia - 1.5mm2 / 16 AWG
MECHANICAL DIMENSIONS
(AA) Typical Colour
Temperature
CW = 5000K – 6350K
NW = 3800K – 4100K
WW = 2850K – 3250K
Blank = no onboard
driver
LV = with onboard
driver
Product designed to fit the majority of front MR16 housings.
Depth of housing should be checked for compatibilty.
p Spot lighting
p Accent lighting
p General illumination
p Interior use only
www.dialight.com


Similar Part No. - ME16-LV-NW-SP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ME16 SCHNEIDER-ME16 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
MTRONPTI
ME16XAA MTRONPTI-ME16XAA Datasheet
190Kb / 1P
   14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
ME16XAA MTRONPTI-ME16XAA Datasheet
256Kb / 1P
   14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
ME16XAA-R MTRONPTI-ME16XAA-R Datasheet
190Kb / 1P
   14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
ME16XAA-R MTRONPTI-ME16XAA-R Datasheet
256Kb / 1P
   14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
More results

Similar Description - ME16-LV-NW-SP

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
AR111-LV-CW-SP DIALIGHT-AR111-LV-CW-SP Datasheet
176Kb / 2P
   CIRCULAR LED MODULES
PWARD-C1-CW-SP DIALIGHT-PWARD-C1-CW-SP Datasheet
140Kb / 2P
   POWERWHITE CIRCULAR LED MODULES
PWMRD-C1-CW-SP DIALIGHT-PWMRD-C1-CW-SP Datasheet
125Kb / 2P
   POWERWHITE CIRCULAR LED MODULES
logo
Rohm
SLR-343X ROHM-SLR-343X Datasheet
905Kb / 12P
   Circular LED lamp
2021.12 - Rev.010
logo
Marktech Corporate
MT206-R MARKTECH-MT206-R Datasheet
28Kb / 1P
   2mm CIRCULAR LED LAMPS
logo
Rohm
SLA-560 ROHM-SLA-560 Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
SLI-560 ROHM-SLI-560 Datasheet
105Kb / 4P
   Ultra high bright circular LED lamps
logo
Marl International Limi...
795-107-00-51 MARL-795-107-00-51 Datasheet
379Kb / 3P
   LED MODULES
logo
LUMEX INC.
SSL-LX50FT9SISUGW LUMEX-SSL-LX50FT9SISUGW Datasheet
54Kb / 1P
   T-5 FLAT TOP CIRCULAR LED
logo
Rohm
SLR-343 ROHM-SLR-343 Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com