Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH15D78A Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH15D78A
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH15D78A Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH15D78A Datasheet HTML 1Page - Sumida Corporation CDRH15D78A Datasheet HTML 2Page - Sumida Corporation CDRH15D78A Datasheet HTML 3Page - Sumida Corporation CDRH15D78A Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 27-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH15D78/A
0
20
40
60
80
100
120
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0
1
2
3
4
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0
1
2
3
4
5
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0
1
2
3
4
5
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0
1
2
3
4
5
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0
2
4
6
8
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
2
4
6
8
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0
2
4
6
8
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
2
4
6
8
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
2
4
6
8
10
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDRH15D78/ANP-100MC
△T (℃)
L (
μH)
2. CDRH15D78/ANP-120MC
△T (℃)
L (
μH)
3. CDRH15D78/ANP-150MC
L (
μH)
DC (A)
5. CDRH15D78/ANP-220MC
△T (℃)
L (
μH)
6. CDRH15D78/ANP-270MC
DC (A)
7. CDRH15D78/ANP-330MC
△T (℃)
L (
μH)
8. CDRH15D78/ANP-390MC
△T (℃)
L (
μH)
DC (A)
9. CDRH15D78/ANP-470MC
DC (A)
4. CDRH15D78/ANP-180MC
△T (℃)
DC (A)
DC (A)
10. CDRH15D78/ANP-560MC
△T (℃)
L (
μH)
DC (A)
11. CDRH15D78/ANP-680MC
△T (℃)
L (
μH)
DC (A)
12. CDRH15D78/ANP-820MC
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (125
℃)


Similar Part No. - CDRH15D78A

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH15D78 SUMIDA-CDRH15D78 Datasheet
214Kb / 2P
   POWER INDUCTORS
CDRH15D78/ANP-100M SUMIDA-CDRH15D78/ANP-100M Datasheet
214Kb / 2P
   POWER INDUCTORS
CDRH15D78/ANP-101M SUMIDA-CDRH15D78/ANP-101M Datasheet
214Kb / 2P
   POWER INDUCTORS
CDRH15D78/ANP-120M SUMIDA-CDRH15D78/ANP-120M Datasheet
214Kb / 2P
   POWER INDUCTORS
CDRH15D78/ANP-121MC SUMIDA-CDRH15D78/ANP-121MC Datasheet
214Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDRH15D78A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com