Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LML6-LV-WW-SP Datasheet(PDF) 2 Page - Dialight Corporation

Part # LML6-LV-WW-SP
Description  LINEAR MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LML6-LV-WW-SP Datasheet(HTML) 2 Page - Dialight Corporation

  LML6-LV-WW-SP Datasheet HTML 1Page - Dialight Corporation LML6-LV-WW-SP Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOMETRIC DATA
IES 32 files available, consult factory
ASSEMBLY INFORMATION
1) Remove cover from
module
(Do not remove mask)
2) Connect
LML6-LV-M2M-CAB quick
connect cables between modules as
indicated in the photo. If desired, insert
8/32 or M6 mounting screws in holes
provided.
3) Wire between cables may be routed
through end as indicated in photo or
around side of module.
4) Connect
LML6-LV-CON-CAB into front
of first module.
5) Replace cover.
6) Connect leads on
LML6-LV-CON-CAB
to low voltage power supply.
Red wire to +, black wire to -
11.7” x 1.498” x 0.585”
(297.18mm x 38.05mm x 14.86mm)
Mounting hole spacing = 3.22” [81.8mm].
Max screw size #8
Total length for “Z” units connected end to end =
(Z x 11.7) - ((Z-1) x 0.25) (inches)
(Z x 297.2) - ((Z-1) x 6.35) (mm)
Example: 2 units total length = 23.15” [588.01]
Top View
Side View
MECHANICAL DIMENSIONS
www.dialight.com
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
www.dialight.com/Assets\Brochures_And_Catalogs\Illumination\MDEXLUMPWMLV.pdf
2
MDEXLUMPWMLV_C


Similar Part No. - LML6-LV-WW-SP

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LML6-C1-CW-FR DIALIGHT-LML6-C1-CW-FR Datasheet
162Kb / 2P
   LINEAR MODULES
LML6-C1-CW-MD DIALIGHT-LML6-C1-CW-MD Datasheet
162Kb / 2P
   LINEAR MODULES
LML6-C1-CW-OV DIALIGHT-LML6-C1-CW-OV Datasheet
162Kb / 2P
   LINEAR MODULES
LML6-C1-CW-SP DIALIGHT-LML6-C1-CW-SP Datasheet
162Kb / 2P
   LINEAR MODULES
LML6-C1-CW-WD DIALIGHT-LML6-C1-CW-WD Datasheet
162Kb / 2P
   LINEAR MODULES
More results

Similar Description - LML6-LV-WW-SP

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LML6-C1-CW-SP DIALIGHT-LML6-C1-CW-SP Datasheet
162Kb / 2P
   LINEAR MODULES
logo
Hamamatsu Corporation
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
logo
IXYS Corporation
MCC56-16IO1 IXYS-MCC56-16IO1 Datasheet
159Kb / 4P
   Thyristor Modules /Diode Modules
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com