Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC934LP5E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC934LP5E
Description  400 Analog Phase Shifter, 1 - 2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC934LP5E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC934LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC934LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC934LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC934LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC934LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC934LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
13
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13 - 3
HMC934LP5E
v00.0411
400° AnAlog PhAse shifter,
1 - 2 ghz
second harmonic vs. Vctl, f = 1.5 ghz
third harmonic vs. Vctl, f = 1.5 ghz
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
11
12
13
- 10 dBm
0 dBm
+ 10 dBm
Vctl (Vdc)
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Pin: -10 dBm
Pin: 0 dBm
Pin: +10 dBm
Vctl (Vdc)
input iP3 vs. Vctl, f = 1.5 ghz
insertion loss vs. Pin @ 1 ghz
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
10
11
12
13
- 10 dBm
0 dBm
+ 10 dBm
Vctl (Vdc)
-8
-7
-6
-5
-4
-3
-2
-4
-2
0
2
4
6
8
10
12
14
16
18
20
0V
0.5V
6V
13V
INPUT POWER (dBm)
insertion loss vs. Pin @ 1.5 ghz
insertion loss vs. Pin @ 2 ghz
-8
-7
-6
-5
-4
-3
-2
-4
-2
0
2
4
6
8
10
12
14
16
18
20
0V
0.5V
6V
13V
INPUT POWER (dBm)
-8
-7
-6
-5
-4
-3
-2
-4
-2
0
2
4
6
8
10
12
14
16
18
20
0V
0.5V
6V
13V
INPUT POWER (dBm)


Similar Part No. - HMC934LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC930A AD-HMC930A Datasheet
253Kb / 16P
   Test instrumentation
logo
Hittite Microwave Corpo...
HMC931LP4E HITTITE-HMC931LP4E Datasheet
844Kb / 6P
   410 Analog Phase Shifter, 8 - 12 GHz
HMC931LP4E HITTITE-HMC931LP4E Datasheet
938Kb / 6P
   410째 Analog Phase Shifter, 8 - 12 GHz
HMC931LP4E_1103 HITTITE-HMC931LP4E_1103 Datasheet
938Kb / 6P
   410째 Analog Phase Shifter, 8 - 12 GHz
HMC932LP4E HITTITE-HMC932LP4E Datasheet
938Kb / 6P
   390째 Analog Phase Shifter, 12 - 18 GHz
More results

Similar Description - HMC934LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC898LP4E HITTITE-HMC898LP4E Datasheet
818Kb / 6P
   400 Analog Phase Shifter, 1 - 2 GHz
HMC928LP5E HITTITE-HMC928LP5E Datasheet
726Kb / 6P
   450째 Analog Phase Shifter, 2 - 4 GHz
HMC935LP5E HITTITE-HMC935LP5E Datasheet
960Kb / 6P
   180 Analog Phase Shifter, 2 - 20 GHz
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
   5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
   5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
   5-18 GHz Analog Phase Shifter
August 23, 2021
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC929LP4E HITTITE-HMC929LP4E Datasheet
860Kb / 6P
   430째 Analog Phase Shifter, 4 - 8 GHz
HMC932LP4E HITTITE-HMC932LP4E Datasheet
938Kb / 6P
   390째 Analog Phase Shifter, 12 - 18 GHz
HMC247 HITTITE-HMC247_08 Datasheet
250Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com