Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC899LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC899LP4E
Description  FILTER - TUNABLE, BAND PASS SMT 18.5 - 37.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC899LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC899LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC899LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC899LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC899LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC899LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC899LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC899LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC899LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3 - 5
3
HMC899LP4E
v00.0211
FILTER - TUNABLE, BAND PASS SMT
18.5 - 37.0 GHz
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Absolute Maximum Ratings
Reliability Information
Frequency Control Voltage (Vfctl)
-0.5 to +15V
RF Power Input
27 dBm
Storage Temperature
-65 to +150 °C
ESD Sensitivity (HBM)
Class 1 A
Junction Temperature to Maintain
1 Million Hour MTTF
150 °C
Nominal Junction Temperature
(T= 85 °C and Pin = 27 dBm)
103 °C
Operating Temperature
-40 to +85 °C
Frequency Shift vs. Pin
Phase Shift vs. Pin
-15
-10
-5
0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
Vfctl = 0.5V
Vfctl = 1V
Vfctl = 7V
Vfctl = 12V
Vfctl = 14V
INPUT POWER (dBm)
-80
-60
-40
-20
0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
Vfctl = 0.5V
Vfctl = 1V
Vfctl = 7V
Vfctl = 12V
Vfctl = 14V
INPUT POWER (dBm)


Similar Part No. - HMC899LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC899 HITTITE-HMC899 Datasheet
907Kb / 8P
   FILTER - TUNABLE, BAND PASS 19 - 38 GHz
More results

Similar Description - HMC899LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC891LP5E HITTITE-HMC891LP5E_09 Datasheet
689Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC897LP4E HITTITE-HMC897LP4E Datasheet
1,013Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 9 - 19 GHz
HMC895LP4E HITTITE-HMC895LP4E Datasheet
960Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 6.8 - 12.6 GHz
HMC893LP5E HITTITE-HMC893LP5E Datasheet
1Mb / 10P
   FILTER - TUNABLE, BAND PASS SMT 4.8 - 9.5 GHz
HMC894LP5E HITTITE-HMC894LP5E Datasheet
1Mb / 10P
   FILTER - TUNABLE, BAND PASS SMT 5.9 - 11.2 GHz
HMC891LP5E_1007 HITTITE-HMC891LP5E_1007 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC896LP4E HITTITE-HMC896LP4E Datasheet
939Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 10 - 18 GHz
HMC895LP4E HITTITE-HMC895LP4E_12 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT
HMC892LP5E HITTITE-HMC892LP5E Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 4.0 - 7.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com