Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH10D38DNP-6R2MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH10D38DNP-6R2MC
Description  Ferrite drum core construction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH10D38DNP-6R2MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH10D38DNP-6R2MC Datasheet HTML 1Page - Sumida Corporation CDRH10D38DNP-6R2MC Datasheet HTML 2Page - Sumida Corporation CDRH10D38DNP-6R2MC Datasheet HTML 3Page - Sumida Corporation CDRH10D38DNP-6R2MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH10D38D
0
15
30
45
60
75
90
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0.0 0.8 1.6 2.4 3.2 4.0 4.8
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0.0
1.2
2.4
3.6
4.8
6.0
7.2
0.0 1.2 2.4 3.6 4.8 6.0 7.2
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0 1.5 3.0 4.5 6.0 7.5 9.0
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0.0 1.5 3.0 4.5 6.0 7.5 9.0
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
2
4
6
8
10 12
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
2
4
6
8
10 12
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
3
6
9
12 15 18
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDRH10D38DNP-R82PC
△T (℃)
L (
μH)
2. CDRH10D38DNP-1R5PC
△T (℃)
L (
μH)
3. CDRH10D38DNP-2R2PC
L (
μH)
DC (A)
5. CDRH10D38DNP-4R7PC
△T (℃)
L (
μH)
6. CDRH10D38DNP-6R2MC
DC (A)
7. CDRH10D38DNP-100MC △T (℃)
L (
μH)
8. CDRH10D38DNP-150MC △T (℃)
L (
μH)
DC (A)
9. CDRH10D38DNP-220MC
DC (A)
4. CDRH10D38DNP-3R3PC
△T (℃)
DC (A)
DC (A)
10. CDRH10D38DNP-330MC
△T (℃)
L (
μH)
DC (A)
11. CDRH10D38DNP-470MC
△T (℃)
L (
μH)
DC (A)
12. CDRH10D38DNP-680MC
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (105
℃)


Similar Part No. - CDRH10D38DNP-6R2MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D38DHPNP-100MC SUMIDA-CDRH10D38DHPNP-100MC Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D38DHPNP-101MC SUMIDA-CDRH10D38DHPNP-101MC Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D38DHPNP-150MC SUMIDA-CDRH10D38DHPNP-150MC Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D38DHPNP-151MC SUMIDA-CDRH10D38DHPNP-151MC Datasheet
163Kb / 4P
   Ferrite drum core construction
More results

Similar Description - CDRH10D38DNP-6R2MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com