Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRCH12D78BHF-6R8NC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRCH12D78BHF-6R8NC
Description  Ferrite drum core construction.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRCH12D78BHF-6R8NC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRCH12D78BHF-6R8NC Datasheet HTML 1Page - Sumida Corporation CDRCH12D78BHF-6R8NC Datasheet HTML 2Page - Sumida Corporation CDRCH12D78BHF-6R8NC Datasheet HTML 3Page - Sumida Corporation CDRCH12D78BHF-6R8NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRCH12D78B
0
80
160
240
320
400
480
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
13. CDRCH12D78BHF-471MC
△T (℃)
L (
μH)
DC (A)
L (20
℃)
△T
Solder Reflow Condition
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@sumida-eu.com
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-3219660
FAX.+1-408-321-9308
sales@us.sumida.com
Tel.+65-6296-3388
FAX.+65-6296-3390
sales@sg.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
sales@jp.sumida.com
San Jose
Singapore
Seoul
Tokyo
Please refer to the sales offices on our website - http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
shanghai.sales@cn.sumida.com
Tel.+852-2880-6688
FAX.+852-2565-9600
sales@hk.sumida.com
170
±10 ℃,60~120s
40s
230
245℃ PEAK
Heat Endurance
Temperature Chart
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T (℃)
T (s)
60
260℃
230℃
0
100
150
200
250
300
50
T (℃)
300
120
180
240
0
T (s)
60


Similar Part No. - CDRCH12D78BHF-6R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRCH12D78BHF-6R8NC SUMIDA-CDRCH12D78BHF-6R8NC Datasheet
491Kb / 7P
   SMD Power Inductor
More results

Similar Description - CDRCH12D78BHF-6R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com