Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5977A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5977A
Description  1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5977A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5977A Datasheet HTML 1Page - Maxim Integrated Products MAX5977A Datasheet HTML 2Page - Maxim Integrated Products MAX5977A Datasheet HTML 3Page - Maxim Integrated Products MAX5977A Datasheet HTML 4Page - Maxim Integrated Products MAX5977A Datasheet HTML 5Page - Maxim Integrated Products MAX5977A Datasheet HTML 6Page - Maxim Integrated Products MAX5977A Datasheet HTML 7Page - Maxim Integrated Products MAX5977A Datasheet HTML 8Page - Maxim Integrated Products MAX5977A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1V to 16V, Single-Channel, Hot-Swap Controllers
with Precision Current-Sensing Output
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PWR, SENSE, IN, FCOMP, SCOMP,
GATE, SOURCE, CALSENSE to GND ...............-0.3V to +28V
PG, CAL, BIAS, UV, OV, FAULT, CSOUT to GND..-0.3V to +6V
REG to GND............................................................-0.3V to +4V
GATE to SOURCE ...................................................-0.3V to +6V
IN to FCOMP, IN to SCOMP, IN to SENSE,
IN to CALSENSE ..................................................-0.3V to +1V
GND to AGND......................................................-0.3V to +0.3V
FAULT, PG Current ........................................... -1mA to +50mA
GATE, SOURCE, GND Current ........................................750mA
Input/Output Current (all other pins)..................................20mA
Continuous Power Dissipation (TA = +70NC)
20-Pin TQFN, Single-Layer Board
(derate 16.9mW/NC above +70NC)..........................1355.9mW
20-Pin TQFN, Multilayer Board
(derate 25.6mW/NC above +70NC)..........................2051.3mW
Junction-to-Ambient Thermal Resistance (Note 1)
B
JA, Single-Layer Board ........................................... +59NC/W
B
JA, Multilayer Board ................................................ +39NC/W
Junction-to-Case Thermal Resistance (Note 1)
B
JC, Single-Layer and Multilayer Board...................... +6NC/W
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
ELECTRICAL CHARACTERISTICS
(VPWR = VIN = 12V, RSENSE = 4mI, RFCOMP = RSCOMP = 2kI, RGATE = 1kI, CGATE = 330nF, CREG = 1FF, unless otherwise noted.
Typical Values at VPWR = VIN = 3.3V, TA = +25NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VPWR
2.7
3.3
16
V
Undervoltage Lockout
VUVLO
Minimum rising voltage on PWR
2.69
V
Undervoltage-Lockout Hysteresis
VUVLOHYS
100
mV
Supply Current
IPWR
0.734
4
mA
Internal LDO Output Voltage
VREG
2.7V < VPWR < 16V, 0 to 1mA
2.49
2.6
V
CURRENT-MONITORING FUNCTION
IN Input Range
Common-mode range
1
16
V
SCOMP Input Range
1
16
V
FCOMP Input Range
1
16
V
IN Input Current
135
F
A
SENSE Input Current
VIN = VSENSE = 1V to 16V
6
F
A
Circuit-Breaker Current (Slow
Comparator)
ISCOMP
VSCOMP = 1V to 16V
24.0
25
26.0
F
A
Circuit-Breaker Current (Fast
Comparator)
IFCOMP
VFCOMP = 1V to 16V
48.1
50
51.4
F
A
Slow Current-Limit Threshold
Error
VSENSE - VSCOMP = 50mV
-2.0
+2.1
mV
Fast Current-Limit Threshold Error
VSENSE - VFCOMP = 100mV
-2.2
+1.4
mV
Slow-Comparator Response Time
tSCD
1mV overdrive
1
ms
50mV overdrive
130
F
s
Fast-Comparator Response Time
tFSD
10mV overdrive, from overload condition,
VPWR = 12V
200
ns


Similar Part No. - MAX5977A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   Demonstrates Latched-Fault Output
Rev 0; 1/11
MAX5977AETP++ MAXIM-MAX5977AETP+ Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
MAX5977AEVKIT MAXIM-MAX5977AEVKIT Datasheet
1Mb / 13P
   Demonstrates Latched-Fault Output
Rev 0; 1/11
More results

Similar Description - MAX5977A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5924 MAXIM-MAX5924_10 Datasheet
339Kb / 21P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
19-3443; Rev 3; 4/10
MAX5924 MAXIM-MAX5924 Datasheet
988Kb / 20P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 0; 10/04
MAX5924 MAXIM-MAX5924_06 Datasheet
382Kb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 2; 10/06
MAX5924 MAXIM-MAX5924_V01 Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com