Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESS-36-WW-WD Datasheet(PDF) 1 Page - Dialight Corporation

Part # ESS-36-WW-WD
Description  ES Series White LED Luminaire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

ESS-36-WW-WD Datasheet(HTML) 1 Page - Dialight Corporation

  ESS-36-WW-WD Datasheet HTML 1Page - Dialight Corporation ESS-36-WW-WD Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part Number
DESCRIPTION
CDU-L-3-35-DMX
3 Channel 350mA Constant Current Driver with DMX interface
ES Series White LED Luminaire
Certifications & Compliance
w CE Compliant to EN 62031
w IP67 rated as standard
Features & Benefits:
w Utilises the latest high efficiency LUXEON® Rebel™ LED technology
w >70% lumen maintenance @ 50,000 hours at max operating
temperature
w Low power consumption
w Choice of optical patterns available
Application:
Utilizes the latest high efficiency LUXEON Rebel LED technology. Applications
include Exterior Lighting, Architectural Lighting, Wall Washing, Nightclubs and
Entertainment. Choice of optical patterns available. All of Dialight’s long life LED
luminaires are designed to meet the most demanding specification criteria
while offering maximum energy savings, reduced maintenance costs, and a
superior quality of light.
www.dialight.com
Ordering Codes: Compatible Drivers
Order Codes:
Housing Colour (S)
# of LEDS (AA)
Typical Power
Comsumption (Watts)
Typical Colour
Temperature (BB)
Lens Type (CC)
Silver
12
14.4
CW = 5000K - 6350K
SD (Spot Diffused) = Spot 7
o
NW = 3800K - 4100
MD(Medium) = Medium 10
o
36
43.2
WW = 2850K - 3250
WD (Wide) = Wide 20
o
ES S - AA -BB - CC
Mechanical Information:
Fixture Dimensions:
12 LEDs = 120mm x 168mm x 39mm
[4.72” X 6.61” X 1.54”]
36 LEDs = 189mm x 230mm x 44mm
[7.44” X 9.10” X 1.73”]
Container Weight:
12 LEDs - 2.5kg / 5.5lbs
36 LEDs - 2.5kg / 5.5lbs
Mounting:
Adjustable bracket
Electrical specifications:
Operating Temperature:
-20ºC to +45ºC
Drive Current:
350mA
Housing:
Silver Anodised Aluminium Housing
Lens:
Glass and Resin Lens
Photometric Information:
12 LEDs
36 LEDs
120mm, 4.72” (12 LEDs)
189mm, 7.44” (36 LEDs)
39mm, 1.54” (12 LEDs)
44mm, 1.73” (36 LEDs)
0.5 metre 8-core
cable with Ip
connector


Similar Part No. - ESS-36-WW-WD

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
ESS-36-RGB-MD DIALIGHT-ESS-36-RGB-MD Datasheet
200Kb / 2P
   ES Series RGB LED Luminaire
ESS-36-RGB-SD DIALIGHT-ESS-36-RGB-SD Datasheet
200Kb / 2P
   ES Series RGB LED Luminaire
ESS-36-RGB-WD DIALIGHT-ESS-36-RGB-WD Datasheet
200Kb / 2P
   ES Series RGB LED Luminaire
More results

Similar Description - ESS-36-WW-WD

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
ESS-12-RGB-SD DIALIGHT-ESS-12-RGB-SD Datasheet
200Kb / 2P
   ES Series RGB LED Luminaire
HBA9C4M DIALIGHT-HBA9C4M_12 Datasheet
220Kb / 2P
   SafeSite짰 Series LED High Bay Luminaire
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
   SafeSite Series LED High Bay Luminaire
HB2C4M-EU DIALIGHT-HB2C4M-EU Datasheet
339Kb / 2P
   DuroSite Series LED High Bay Luminaire
logo
OSRAM GmbH
LEDGUARDIANSL101 OSRAM-LEDGUARDIANSL101 Datasheet
112Kb / 3P
   LED luminaire with safety features
logo
Dialight Corporation
HBGC4P-EU DIALIGHT-HBGC4P-EU Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
WPBRKTSSADJ DIALIGHT-WPBRKTSSADJ Datasheet
213Kb / 2P
   DuroSite짰 LED Emergency Shower Safe Luminaire
logo
Roithner LaserTechnik G...
5W4HCA ROITHNER-5W4HCA Datasheet
37Kb / 1P
   WHITE LED SERIES
logo
List of Unclassifed Man...
TXM-869-ES ETC2-TXM-869-ES Datasheet
328Kb / 11P
   ES SERIES TRANSMITTER
logo
PowerDynamics, Inc
PD-CN-01 POWERDYNAMICS-PD-CN-01 Datasheet
295Kb / 1P
   LUMINAIRE DISCONNECTOR 2X2 TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com