Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4464 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4464
Description  Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4464 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4464 Datasheet HTML 1Page - Maxim Integrated Products MAX4464 Datasheet HTML 2Page - Maxim Integrated Products MAX4464 Datasheet HTML 3Page - Maxim Integrated Products MAX4464 Datasheet HTML 4Page - Maxim Integrated Products MAX4464 Datasheet HTML 5Page - Maxim Integrated Products MAX4464 Datasheet HTML 6Page - Maxim Integrated Products MAX4464 Datasheet HTML 7Page - Maxim Integrated Products MAX4464 Datasheet HTML 8Page - Maxim Integrated Products MAX4464 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX4464/MAX4470/MAX4471/MAX4472/MAX4474
family of micropower op amps operate from a single
+1.8V to +5.5V supply and draw only 750nA of supply
current. The MAX4470 family feature ground-sensing
inputs and rail-to-rail output. The ultra-low supply cur-
rent, low-operating voltage, and rail-to-rail output capa-
bilities make these operational amplifiers ideal for use
in single lithium ion (Li+), or two-cell NiCd or alkaline
battery systems.
The rail-to-rail output stage of the MAX4464/MAX4470/
MAX4471/MAX4472/MAX4474 amplifiers is capable of
driving the output voltage to within 4mV of the rail with a
100k
Ω load, and can sink and source 11mA with a +5V
supply. These amplifiers are available in both fully com-
pensated and decompensated versions. The single
MAX4470, dual MAX4471, and the quad MAX4472 are
unity-gain stable. The single MAX4464 and the dual
MAX4474 are stable for closed-loop gain configurations
of
≥ +5V/V. These amplifiers are available in space-sav-
ing WLP, SC70, SOT23, µMAX®, and TSSOP packages.
Applications
Features
o Ultra-Low 750nA Supply Current Per Amplifier
o Ultra-Low +1.8V Supply Voltage Operation
o Ground-Sensing Input Common-Mode Range
o Outputs Swing Rail-to-Rail
o Outputs Source and Sink 11mA of Load Current
o No Phase Reversal for Overdriven Inputs
o High 120dB Open-Loop Voltage Gain
o Low 500µV Input Offset Voltage
o 9kHz Gain-Bandwidth Product
(MAX4470/MAX4471/MAX4472)
o 40kHz Gain-Bandwidth Product
(MAX4464/MAX4474)
o 250pF (min) Capacitive Load Capability
o Available in Tiny, 6-Bump WLP, 5-Pin SC70, and
8-Pin SOT23 Packages
Single/Dual/Quad, +1.8V/750nA, SC70,
Rail-to-Rail Op Amps
________________________________________________________________
Maxim Integrated Products
1
MAX4470
WLP BUMP
SIDE DOWN
OUT
N.C.
IN-
VDD
IN+
VSS
C1
C2
B1
B2
A2
A1
+
Pin Configurations
PART
NO. OF
AMPLIFIERS
GAIN-
BANDWIDTH
MINIMUM
STABLE GAIN
MAX4464
1
40kHz
5V/V
MAX4470
1
9kHz
1V/V
MAX4471
2
9kHz
1V/V
MAX4472
4
9kHz
1V/V
MAX4474
2
40kHz
5V/V
19-2021; Rev 4; 7/11
Ordering Information
µMAX is a registered trademark of Maxim Integrated Products, Inc.
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX4464EXK+T
-40
°C to +85°C
5 SC70
+ABT
MAX4464EUK+T
-40
°C to +85°C
5 SOT23
+ADPI
MAX4470EXK+T
-40
°C to +85°C
5 SC70
+ABS
MAX4470EUK+T
-40
°C to +85°C
5 SOT23
+ADPH
MAX4470EWT+
-40
°C to +85°C
6 WLP
+BP
MAX4471EKA+T
-40
°C to +85°C
8 SOT23
+AAEK
MAX4471ESA+
-40
°C to +85°C
8 SO
MAX4472EUD+
-40
°C to +85°C
14 TSSOP
MAX4472ESD+
-40
°C to +85°C
14 SO
MAX4474EKA+T
-40
°C to +85°C
8 SOT23
+AAEL
MAX4474EUA+
-40
°C to +85°C
8 µMAX
MAX4474ESA+
-40
°C to +85°C
8 SO
Pin Configurations continued at end of data sheet.
Selector Guide
Battery-Powered
Systems
Portable Instrumentation
Pagers and Cellphones
Micropower
Thermostats
Electrometer Amplifiers
Solar-Powered Systems
Remote Sensor Active
Badges
pH Meters
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MAX4464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464 Datasheet
737Kb / 14P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
MAX4464EUK-T MAXIM-MAX4464EUK-T Datasheet
737Kb / 14P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
MAX4464EXK-T MAXIM-MAX4464EXK-T Datasheet
737Kb / 14P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
More results

Similar Description - MAX4464

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464 Datasheet
737Kb / 14P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
logo
Linear Technology
LT6001 LINER-LT6001_15 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000_15 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6002 LINER-LT6002_15 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000 Datasheet
313Kb / 20P
   Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4493 MAXIM-MAX4493 Datasheet
435Kb / 11P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4493 MAXIM-MAX4493_08 Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493 MAXIM-MAX4493_09 Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com