Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4474EKA+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4474EKA+T
Description  Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4474EKA+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4474EKA+T Datasheet HTML 4Page - Maxim Integrated Products MAX4474EKA+T Datasheet HTML 5Page - Maxim Integrated Products MAX4474EKA+T Datasheet HTML 6Page - Maxim Integrated Products MAX4474EKA+T Datasheet HTML 7Page - Maxim Integrated Products MAX4474EKA+T Datasheet HTML 8Page - Maxim Integrated Products MAX4474EKA+T Datasheet HTML 9Page - Maxim Integrated Products MAX4474EKA+T Datasheet HTML 10Page - Maxim Integrated Products MAX4474EKA+T Datasheet HTML 11Page - Maxim Integrated Products MAX4474EKA+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Single/Dual/Quad, +1.8V/750nA, SC70,
Rail-to-Rail Op Amps
8
_______________________________________________________________________________________
OUTPUT
50mV/div
INPUT
10mV/div
MAX4464/MAX4474
SMALL-SIGNAL STEP RESPONSE
500
µs/div
VDD = +5V
AV = +5V/V
RL = 1M
CL = 250pF
OUTPUT
50mV/div
INPUT
10mV/div
MAX4464/MAX4474
SMALL-SIGNAL STEP RESPONSE
500
µs/div
VDD = +5V
AV = +5V/V
RL = 1M
CL = 1000pF
OUTPUT
500mV/div
INPUT
100mV/div
MAX4464/MAX4474
LARGE-SIGNAL STEP RESPONSE
500
µs/div
VDD = +5V
AV = +5V/V
RL = 1M
CL = 8pF
OUTPUT
500mV/div
INPUT
100mV/div
MAX4464/MAX4474
LARGE-SIGNAL STEP RESPONSE
500
µs/div
VDD = +5V
AV = +5V/V
RL = 1M
CL = 1000pF
0
10
5
20
15
25
30
0
100
150
50
200
250
300
MAX4464/MAX4474
PERCENT OVERSHOOT vs. CAPACITIVE LOAD
CLOAD (pF)
RL = 100k
RL = 10k
RL = 1M
2
-7
100
100k
10k
1k
MAX4464/MAX4474
SMALL-SIGNAL NORMALIZED GAIN
vs. FREQUENCY
-4
-6
0
-2
3
-3
-5
1
-1
FREQUENCY (Hz)
RL = 10k
VOUT = 100mVP-P
CL = 12pF
AV = +5
2
-7
100
100k
10k
1k
MAX4464/MAX4474
SMALL-SIGNAL NORMALIZED GAIN
vs. FREQUENCY
-4
-6
0
-2
3
-3
-5
1
-1
FREQUENCY (Hz)
RL = 100k
VOUT = 100mVP-P
CL = 12pF
AV = +5
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0V, VCM = 0V, RL = 100kΩ to VDD/2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4474EKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4474EKA-T MAXIM-MAX4474EKA-T Datasheet
737Kb / 14P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
More results

Similar Description - MAX4474EKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464 Datasheet
737Kb / 14P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
logo
Linear Technology
LT6001 LINER-LT6001_15 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000_15 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6002 LINER-LT6002_15 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000 Datasheet
313Kb / 20P
   Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4493 MAXIM-MAX4493 Datasheet
435Kb / 11P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4493 MAXIM-MAX4493_08 Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493 MAXIM-MAX4493_09 Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com