Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1426EAI+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1426EAI+
Description  10-Bit, 10Msps ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1426EAI+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1426EAI+ Datasheet HTML 1Page - Maxim Integrated Products MAX1426EAI+ Datasheet HTML 2Page - Maxim Integrated Products MAX1426EAI+ Datasheet HTML 3Page - Maxim Integrated Products MAX1426EAI+ Datasheet HTML 4Page - Maxim Integrated Products MAX1426EAI+ Datasheet HTML 5Page - Maxim Integrated Products MAX1426EAI+ Datasheet HTML 6Page - Maxim Integrated Products MAX1426EAI+ Datasheet HTML 7Page - Maxim Integrated Products MAX1426EAI+ Datasheet HTML 8Page - Maxim Integrated Products MAX1426EAI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
10-Bit, 10Msps ADC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD = VCMLP = +5V, VDVDD = +3.3V, VCMLN = VAGND = VDGND = 0V, internal reference, digital output loading 35pF, fCLK =
10MHz (50% duty cycle), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND ........................................................ -0.3V to +6V
DVDD to DGND ....................................................... -0.3V to +6V
AVDD to DGND ........................................................ -0.3V to +6V
DGND to AGND ................................................................. ±0.3V
REFP, REFIN, REFN, CMLN, CMLP,
CML, INP, INN .....................(VAGND - 0.3V) to (VAVDD + 0.3V)
CLK, OE/PD, D0–D9 ...............(VDGND - 0.3V) to (VDVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
28-Pin SSOP (derated 9.5mW/°C above +70°C) .........762mW
Operating Temperature Ranges
MAX1426CAI ..................................................... 0°C to +70°C
MAX1426EAI................................................... -40°C to +85°C
Maximum Junction Temperature .................................... +150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
58
60
f = 2MHz
-70
-67
f = 2MHz
%FSR
%FSR
f = 2MHz
(Note 4)
External reference (REFP, CML, REFN)
(Note 3)
External reference (REFIN) (Note 2)
Guaranteed monotonic
(Note 1)
Internal reference (Note 1)
f = 2MHz
CONDITIONS
SINAD
Signal-to-Noise and Distortion
dB
THD
Total Harmonic Distortion
(first five harmonics)
dB
69
72
SFDR
Spurious-Free Dynamic Range
dB
60
61
SNR
Signal-to-Noise Ratio
LSB
-1
1
DNL
Differential Nonlinearity
Bits
10
RES
Resolution
mV/V
-5
±2
+5
PSRR
Power-Supply Rejection Ratio
-5
±3
5
-5
±2
5
LSB
-1.5
±0.3
1.5
INL
Integral Nonlinearity
No Missing Codes
-3
±1.0
3
MSO
Midscale Offset
-10
±5
10
GE
Gain Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
dB
ACCURACY
DYNAMIC PERFORMANCE (AIN = -1.0dBFS)


Similar Part No. - MAX1426EAI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1426EAI MAXIM-MAX1426EAI Datasheet
204Kb / 16P
   10-Bit, 10Msps ADC
19-1598 Rev 0; 1/00
More results

Similar Description - MAX1426EAI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1426 MAXIM-MAX1426 Datasheet
204Kb / 16P
   10-Bit, 10Msps ADC
19-1598 Rev 0; 1/00
logo
Linear Technology
LTC1420 LINER-LTC1420_15 Datasheet
256Kb / 20P
   12-Bit, 10Msps, Sampling ADC
LTC2386-16 LINER-LTC2386-16 Datasheet
1Mb / 22P
   16-Bit, 10Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
LTC1420 LINER-LTC1420 Datasheet
267Kb / 20P
   12-Bit, 10Msps, Sampling ADC
logo
Maxim Integrated Produc...
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
logo
Samsung semiconductor
BL8531H-ADC SAMSUNG-BL8531H-ADC Datasheet
136Kb / 11P
   12BIT 10MSPS ADC
logo
Analog Devices
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
logo
Maxim Integrated Produc...
MAX19191 MAXIM-MAX19191 Datasheet
1Mb / 20P
   Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10
logo
Linear Technology
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com