Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1032BEUG+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1032BEUG+
Description  8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1032BEUG+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1032BEUG+ Datasheet HTML 4Page - Maxim Integrated Products MAX1032BEUG+ Datasheet HTML 5Page - Maxim Integrated Products MAX1032BEUG+ Datasheet HTML 6Page - Maxim Integrated Products MAX1032BEUG+ Datasheet HTML 7Page - Maxim Integrated Products MAX1032BEUG+ Datasheet HTML 8Page - Maxim Integrated Products MAX1032BEUG+ Datasheet HTML 9Page - Maxim Integrated Products MAX1032BEUG+ Datasheet HTML 10Page - Maxim Integrated Products MAX1032BEUG+ Datasheet HTML 11Page - Maxim Integrated Products MAX1032BEUG+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8- and 4-Channel, ±3 x VREF
Multirange Inputs, Serial 14-Bit ADCs
8
_______________________________________________________________________________________
ANALOG SUPPLY CURRENT
vs. CONVERSION RATE
CONVERSION RATE (ksps)
100
80
60
40
20
2.33
2.34
2.35
2.36
2.37
2.38
2.39
2.32
0
120
CONTINUOUS EXTERNAL CLOCK MODE
ANALOG SUPPLY CURRENT
vs. CONVERSION RATE
CONVERSION RATE (ksps)
100
80
60
40
20
13.86
13.87
13.88
13.89
13.90
13.91
13.92
13.93
13.94
13.95
13.85
0
120
CONTINUOUS EXTERNAL CLOCK MODE
Typical Operating Characteristics (continued)
(VAVDD1 = VAVDD2 = VDVDD = VDVDD0 = 5V, VAGND1 = VDGND = VDGNDO = VAGND2 = VAGND3 = 0V, fCLK = 3.5MHz (50% duty
cycle), external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input
range (±3 x VREF), CDOUT = 50pF, CSSTRB = 50pF; unless otherwise noted.)
DIGITAL SUPPLY CURRENT
vs. CONVERSION RATE
CONVERSION RATE (ksps)
100
80
60
40
20
0.2
0.4
0.6
0.8
1.0
0
0120
CONTINUOUS EXTERNAL CLOCK MODE
DIGITAL I/O SUPPLY CURRENT
vs. CONVERSION RATE
CONVERSION RATE (ksps)
100
80
60
40
20
0.02
0.04
0.06
0.08
0.10
0
0
120
CONTINUOUS EXTERNAL CLOCK MODE
Note 6:
For partial power-down and full power-down modes, external clock mode was used for a burst of continuous samples.
Partial power-down or full power-down modes were entered thereafter. By using this method, the conversion rate was found
by averaging the number of conversions over the time starting from the first conversion to the end of the partial power-down
or full power-down modes.


Similar Part No. - MAX1032BEUG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1032BEUG++ MAXIM-MAX1032BEUG+ Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
More results

Similar Description - MAX1032BEUG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com