Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3911 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3911
Description  Temperature-Controlled, Nonvolatile, I2C Quad DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3911 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3911 Datasheet HTML 5Page - Maxim Integrated Products DS3911 Datasheet HTML 6Page - Maxim Integrated Products DS3911 Datasheet HTML 7Page - Maxim Integrated Products DS3911 Datasheet HTML 8Page - Maxim Integrated Products DS3911 Datasheet HTML 9Page - Maxim Integrated Products DS3911 Datasheet HTML 10Page - Maxim Integrated Products DS3911 Datasheet HTML 11Page - Maxim Integrated Products DS3911 Datasheet HTML 12Page - Maxim Integrated Products DS3911 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
����������������������������������������������������������������� Maxim Integrated Products  9
DS3911
Temperature-Controlled, Nonvolatile,
I2C Quad DAC
DAC Power-On Values
Each 10-bit DAC is controlled directly by the value in its
corresponding DAC VALUE register. Each DAC also has
a DAC POR register that contains the power-on-reset
(POR) value for the associated DAC, along with two con-
trol bits: enable (EN) and polarity (POL). See the Lower
Memory Register Descriptions section for complete lower
memory descriptions.
The DAC POR (DAC0 POR, DAC1 POR, DAC2 POR, and
DAC3 POR) registers are shadowed EEPROM with func-
tionality controlled by the shadow EEPROM bit (SEE). If
the SEE bit is high, the DAC POR registers function as
SRAM only. If the SEE bit is low, the registers are shad-
owed EEPROM and EEPROM write timing, tW, must be
observed.
On power-up, the initial DAC settings are always trans-
ferred from the DAC POR registers to the corresponding
DAC VALUE registers.
Manual Control Mode
On power-up, the device starts performing temperature
conversions and the DAC VALUE register whose corre-
sponding EN bit is set is updated by the LUT controller as
described in the Lookup Table Mode section. Clearing the
EN bit enables I2C writes to the corresponding DAC VALUE
and disables LUT controller updates. This allows the indi-
vidual DACs whose EN bit is cleared to be controlled by
writing the corresponding DAC VALUE register directly.
Lookup Table Mode
The device has four nonvolatile memory tables, one for each
of the four DACs. Each memory table is associated with an
individual DAC as follows: Table 04h (DAC0), Table 05h
(DAC1), Table 06h (DAC2), Table 07h (DAC3), and selected
by setting the table select bits, TS[3:0], in the CTRL regis-
ter. Each DAC memory table consists of a DAC LUT table
(addresses 80h–AFh) (DAC0 LUT, DAC1 LUT, DAC2 LUT,
and DAC3 LUT) and a DAC OFFSET table (addresses
F8h–FFh) (DAC0 OFFSET, DAC1 OFFSET, DAC2 OFFSET,
and DAC3 OFFSET). Because these four memory tables all
share the same address and register mapping, the TS[3:0]
bits must be used to select among them.
Each LUT address represents as little as a 2N change
in temperature. Table 1 shows the full temperature-to-
register mapping.
The first DAC OFFSET address corresponds to 32N of
temperature. After this, every 16N of temperature con-
verts into one DAC OFFSET address slot. Table 2 shows
the full temperature-to-register mapping.
The TINDEX register points to a LUT address slot. The
TINDEX register can operate in two modes, as defined
by the AEN bit. When the AEN bit is cleared, I2C writes
to the TINDEX register are enabled, and updates from
the LUT controller are blocked. The register can be used
to force DAC updates to be based on the user-selected
index. The TINDEX register directly addresses the LUT
Table1.LUTTemperatureMapping
Table2.OffsetTemperatureMapping
ROW
(HEX)
BYTE0
BYTE1
BYTE2
BYTE3
BYTE4
BYTE5
BYTE6
BYTE7
4NCLUT
80h
< -36N
-36N
-32N
-28N
-24N
-20N
-16N
-12N
88h
-8N
-4N
0N
+4N
+8N
+12N
+16N
+20N
90h
+24N
+28N
+32N
+36N
+40N
+44N
+48N
+52N
2NCLUT
98h
+56N
+58N
+60N
+62N
+64N
+66N
+68N
+70N
A0h
+72N
+74N
+76N
+78N
+80N
+82N
+84N
+86N
A8h
+88N
+90N
+92N
+94N
+96N
+98N
+100N
R
+102N
ROW
(HEX)
BYTE0
BYTE1
BYTE2
BYTE3
BYTE4
BYTE5
BYTE6
BYTE7
F8h
< -8N
-8N
+8N
+24N
+40N
+56N
+72N
R
+88N


Similar Part No. - DS3911

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
   GU Flowmeter Accessories
More results

Similar Description - DS3911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92066 TI1-LMP92066 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Temperature-Controlled DAC
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Microchip Technology
MCP444X MICROCHIP-MCP444X Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com