Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593-202824-002-F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 593-202824-002-F
Description  3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

593-202824-002-F Datasheet(HTML) 2 Page - Dialight Corporation

  593-202824-002-F Datasheet HTML 1Page - Dialight Corporation 593-202824-002-F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS (TA= 25OC)
OPERATING CHARACTERISTICS (TA= 25OC)
DIALIGHT RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME IN ORDER TO SUPPLY THE BEST PRODUCT POSSIBLE.
MDEF593A001_B
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
PARAMETER
20
23
24
26
28
29
COLOR
Red
Green
Yellow
Blue
White
InGaN Green
POWER DISSIPATION
(derate linearly from 60ºC mAºC)
95mW
0.75
95mW
0.75
95mW
0.75
90mW
0.44 from 55ºC
80mW
0.60 from 75ºC
115mW
0.50 from 50ºC
FORWARD DC CURRENT
30mA
30mA
30mA
20mA
20mA
30mA
PEAK FORWARD CURRENT
(t≤10µs, D=0.005)
0.5 amp
0.5 amp
0.5 amp
0.2 amp
0.2 amp
100mA
(t≤1ms, D=0.1)
OPERATING TEMPERATURE
-40ºC To +100ºC
-40ºC To +100ºC
-40ºC To +100ºC
-40ºC To +100ºC
-40ºC To +100ºC
-55ºC To +100ºC
STORAGE TEMPERATURE
-40ºC To +100ºC
-40ºC To +100ºC
-40ºC To +100ºC
-40ºC To +100ºC
-40ºC To +100ºC
-55ºC To +100ºC
SOLDERING TEMPERATURES
IR REFLOW FOR LEAD
FREE SOLDERING, RoHS
260ºC (+0ºC / -5ºC) For 10-30 Seconds
PARAMETER
PART NO.
COLOR
MIN
TYP
MAX
UNITS
TEST COND.
Forward Voltage
VF
20
red
2.0
2.5
V
IF=10mA
23
green
2.0
2.5
24
yellow
2.0
2.5
26
blue
3.5
4.2
28
white
2.7
3.1
3.7
29
InGaN green
3.4
4.05
IF = 20mA
Reverse Voltage
VR
20
red
12
V
IF=10µA
23
green
12
24
yellow
12
26
blue
5
28
white
5
29
InGaN green
5
Dominant Wavelength
Dom
20
red
622
628
634
nm
23
green
564
570
576
24
yellow
580
587
595
26
blue
462
465
468
28
white
X
.33
Y
.33
29
InGaN green
515
525
535
nm
Luminous Intensity
lv
20
red
4
6
8
mcd
IF=20mA
23
green
7
11
16
24
yellow
7
11
15
26
blue
4
7
10
28
white
60
85
110
29
InGaN green
70
150
Viewing Angle
(2Ø 1/2)
20
red
40
deg.
23
green
40
24
yellow
40
26
blue
40
28
white
40
29
InGaN green
40


Similar Part No. - 593-202824-002-F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
593-212121-002-F DIALIGHT-593-212121-002-F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
593-212121-002F DIALIGHT-593-212121-002F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
593-212121-013-F DIALIGHT-593-212121-013-F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
593-212122-002-F DIALIGHT-593-212122-002-F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
593-212122-013-F DIALIGHT-593-212122-013-F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
More results

Similar Description - 593-202824-002-F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
593-212121-002F DIALIGHT-593-212121-002F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-3535-002 DIALIGHT-592-3535-002 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
593-303030-002F DIALIGHT-593-303030-002F Datasheet
128Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BI-COLOR
592-2121-002 DIALIGHT-592-2121-002 Datasheet
137Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-3030-002 DIALIGHT-592-3030-002 Datasheet
161Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BI-COLOR
592-2020-002 DIALIGHT-592-2020-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
5913001013F DIALIGHT-5913001013F Datasheet
30Kb / 2P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Round Lens
591-XX01-1XX DIALIGHT-591-XX01-1XX Datasheet
43Kb / 4P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com